Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMC68CK338CPV14 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 90Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 91Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 92Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
89
IL[2:0] — Interrupt Level
Setting IL[2:0] to a non-zero value causes the FCSM to request an interrupt of the selected level when
the COF bit sets. If IL[2:0] = %000, no interrupt will be requested when COF sets. These bits can be
read or written at any time and are cleared by reset.
IARB3 — Interrupt Arbitration Bit 3
This bit works in conjunction with IARB[2:0] in the BIUMCR. Each module that generates interrupt re-
quests on the IMB must have a unique value in the arbitration field. This interrupt arbitration identifica-
tion number is used to arbitrate for the IMB when modules generate simultaneous interrupts of the same
priority. The IARB3 bit is cleared by reset. Refer to 6.4.1 BIUSM Registers for more information on
IARB[2:0].
DRV[A:B] — Drive Time Base Bus
This bit field contains read/write bits that control the connection of the FCSM to the time base buses A
and B. These bits are cleared by reset. Refer to Table 52.
WARNING
Two time base buses should not be driven at the same time.
IN — Input Pin Status Bit
This read-only status bit reflects the logic state of the FCSM input pin. Writing to this bit has no effect,
nor does reset.
NOTE
The clock input of FCSM3 is internally connected to I/O pin CTD27 of DASM27 and
will read the state of that pin.
CLK[2:0] — Counter Clock Select
These read/write control bits select one of six internal clock signals (PCLK[1:6]) or one of two external
conditions on the external clock input pin. Maximum frequency of the external clock signals is fsys/4.
Refer to Table 54.
Table 50 Drive Time Base Bus Field
DRVA
DRVB
Bus Selected
0
0
No time base bus driven
0
1
Time base bus B is driven
1
0
Time base bus A is driven
1
1
Both time base buses A and B are driven
Table 51 Counter Clock Select Field
CLK2
CLK1
CLK0
Free-Running Counter Clock Source
000
PCLK1 (fsys ÷ 2 or fsys ÷ 3)
001
PCLK2 (fsys ÷ 4 or fsys ÷ 6)
010
PCLK3 (fsys ÷ 8 or fsys ÷ 12)
011
PCLK4 (fsys ÷ 16 or fsys ÷ 24)
100
PCLK5 (fsys ÷ 32 or fsys ÷ 48)
101
PCLK6 (fsys ÷ 64 or fsys ÷ 768)
1
1
0
External clock input, falling edge
1
1
1
External clock input, rising edge
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com