Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMC68CK338CPV14 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 41Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 42Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 43Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 44Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 45Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 46Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 47Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 48Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
45
The CPU32L provides seven levels of interrupt priority (1–7), seven automatic interrupt vectors, and
200 assignable interrupt vectors. All interrupts with priorities less than seven can be masked by the in-
terrupt priority (IP) field in status register. The CPU32L handles interrupts as a type of asynchronous
expression.
There are seven interrupt request signals (IRQ[7:1]). These signals are used internally on the IMB, and
there are corresponding pins for external interrupt service requests. The CPU treats all interrupt re-
quests as though they come from internal modules — external interrupt requests are treated as interrupt
service requests from the SIML. Each of the interrupt request signals corresponds to an interrupt priority
level. IRQ1 has the lowest priority and IRQ7 the highest.
Interrupt recognition is determined by interrupt priority level and interrupt priority mask value. The inter-
rupt priority mask consists of three bits in the CPU32L status register. Binary values %000 to %111 pro-
vide eight priority masks. Masks prevent an interrupt request of a priority less than or equal to the mask
value from being recognized and processed. IRQ7, however, is always recognized, even if the mask
value is %111.
IRQ[7:1] are active-low level-sensitive inputs. The low on the pin must remain asserted until an interrupt
acknowledge cycle corresponding to that level is detected.
IRQ7 is transition-sensitive as well as level-sensitive: a level 7 interrupt is not detected unless a falling
edge transition is detected on the IRQ7 line. This prevents redundant servicing and stack overflow. A
non-maskable interrupt is generated each time IRQ7 is asserted as well as each time the priority mask
changes from %111 to a lower number while IRQ7 is asserted.
Interrupt requests are sampled on consecutive falling edges of the system clock. Interrupt request input
circuitry has hysteresis: to be valid, a request signal must be asserted for at least two consecutive clock
periods. Valid requests do not cause immediate exception processing, but are left pending. Pending re-
quests are processed at instruction boundaries or when exception processing of higher-priority excep-
tions is complete.
The CPU32L does not latch the priority of a pending interrupt request. If an interrupt source of higher
priority makes a service request while a lower priority request is pending, the higher priority request is
serviced. If an interrupt request with a priority equal to or lower than the current IP mask value is made,
the CPU32L does not recognize the occurrence of the request. If simultaneous interrupt requests of dif-
ferent priorities are made, and both have a priority greater than the mask value, the CPU32L recognizes
the higher-level request.
3.9.1 Interrupt Acknowledge and Arbitration
When the CPU32L detects one or more interrupt requests of a priority higher than the interrupt priority
mask value, it places the interrupt request level on the address bus and initiates a CPU space read cy-
cle. The request level serves two purposes: it is decoded by modules or external devices that have re-
quested interrupt service, to determine whether the current interrupt acknowledge cycle pertains to
them, and it is latched into the interrupt priority mask field in the CPU32L status register, to preclude
further interrupts of lower priority during interrupt service.
Modules or external devices that have requested interrupt service must decode the interrupt priority
mask value placed on the address bus during the interrupt acknowledge cycle and respond if the priority
of the service request corresponds to the mask value. However, before modules or external devices
respond, interrupt arbitration takes place.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com