Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMC68CK338CPV14 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 97Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 98Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 99Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 100Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 101Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 133 page
background image
MOTOROLA
MC68CK338
98
MC68CK338TS/D
The DASM is composed of two timing channels (A and B), an output flip-flop, an input edge detector,
some control logic and an interrupt interface. All control and status bits are contained in the DASMSIC
register.
Channel A consists of one 16-bit data register and one 16-bit comparator. To the user, channel B also
appears to consist of one 16-bit data register and one 16-bit comparator, though internally, channel B
has two data registers (B1 and B2). The operating mode determines which register is accessed by the
software. Refer to Table 59.
Register contents are always transferred automatically at the correct time so that the minimum pulse
(measurement or generation) is just one time base bus count. The A and B data registers are always
read/write registers, accessible via the CTM6 submodule bus.
Eleven DASMs are contained in the CTM6. Figure 23 shows a block diagram of the DASM.
Table 58 DASM Modes of Operation
Mode
Description of Mode
DIS
Disabled — I/O pin is placed in a high impedance state
IPWM
Input pulse width measurement — Capture on leading and the trailing edges of an input pulse
IPM
Input period measurement — Capture on two consecutive rising or falling edges of an input pulse
IC
Input capture — Capture on user-specified edge
OCB
Output compare, flag set on channel B match — Generate leading and trailing edges of an output
pulse and set flag on second edge
OCAB
Output compare, flag set on channels A and B match — Generate leading and trailing edges of an
output pulse and set flag on both edges
OPWM
Output pulse width modulation — Generate continuous PWM output with 7, 9, 11, 12, 13, 14, 15, or
16 bits of resolution
Table 59 Channel B Data Register Access
Mode
Data Register
IPWM, IPM, IC
Registers A and B2 are used to hold the captured values. In these modes,
the B1 register is used as a temporary latch for channel B.
OCA, OCAB
Registers A and B2 are used to define the output pulse. Register B1 is not
used in these modes.
OPWM
Registers A and B1 are used as primary registers and hidden register B2 is
used as a double buffer for channel B.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com