Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMC68CK338CPV14 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 97Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 98Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 99Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 100Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 101Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 102Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
99
Figure 23 DASM Block Diagram
6.10.1 DASM Registers
The DASM contains one status/interrupt/control register and two data registers (A and B). All unused
bits and reserved address locations return zero when read. Writing to unused bits and reserved address
locations has no effect. The CTM6 contains 11 DASMs, each with its own set of registers.
DASM4SIC, DASM5SIC — DASM Status/Interrupt/Control Register
$YFF420, $YFF428
DASM6SIC, DASM7SIC — DASM Status/Interrupt/Control Register
$YFF430, $YFF438
DASM8SIC, DASM9SIC — DASM Status/Interrupt/Control Register
$YFF440, $YFF448
DASM10SIC, DASM26SIC — DASM Status/Interrupt/Control Register
$YFF450, $YFF4D0
DASM27SIC, DASM28SIC — DASM Status/Interrupt/Control Register
$YFF4D8, $YFF4E0
DASM29SIC — DASM Status/Interrupt/Control Register
$YFF4E8
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FLAG
IL[2:0]
IARB3
0
WOR
BSL
IN
FORCA FORCB EDPOL
MODE[3:0]
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
OUTPUT
BUFFER
INTERRUPT
CONTROL
EDGE
DETECT
CTM DASM BLOCK
16-BIT COMPARATOR A
IL2
IL0
IARB3
FLAG
2 TIME BASE BUSES
BUS
CONTROL REGISTER BITS
CONTROL REGISTER BITS
IN
FORCB
SUBMODULE BUS
SELECT
OUTPUT
FLIP-FLOP
FORCA
I/O PIN
16-BIT REGISTER A
BSL
MODE3 MODE2
IL1
TBBB
TBBA
16-BIT REGISTER B1
16-BIT REGISTER B2
MODE1 MODE0
16-BIT COMPARATOR B
WOR
EDPOL
REGISTER B
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com