Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMC68CK338CPV14 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # SPMC68CK338CPV14
Description  32-Bit Modular Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMC68CK338CPV14 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button SPMC68CK338CPV14 Datasheet HTML 35Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 36Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 37Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 38Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 39Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 40Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 41Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 42Page - Freescale Semiconductor, Inc SPMC68CK338CPV14 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
MC68CK338
MOTOROLA
MC68CK338TS/D
39
A write to the port E data register is stored in the internal data latch and, if any port E pin is configured
as an output, the value stored for that bit is driven on the pin. A read of the port E data register returns
the value at the pin only if the pin is configured as a discrete input. Otherwise, the value read is the value
stored in the register.
The port E data register is a single register that can be accessed in two locations. When accessed at
$YFFA11, the register is referred to as PORTE0; when accessed at $YFFA13, the register is referred
to as PORTE1. The register can be read or written at any time. It is unaffected by reset.
The bits in this register control the direction of the pin drivers when the pins are configured as I/O. Any
bit in this register set to one configures the corresponding pin as an output. Any bit in this register
cleared to zero configures the corresponding pin as an input. This register can be read or written at any
time.
The bits in this register control the function of each port E pin. Any bit set to one configures the corre-
sponding pin as a bus control signal, with the function shown in Table 29. Any bit cleared to zero defines
the corresponding pin to be an I/O pin, controlled by PORTE and DDRE.
Data bus bit 8 controls the state of this register following reset. If DATA8 is set to one during reset, the
register is set to $FF, which defines all port E pins as bus control signals. If DATA8 is cleared to zero
during reset, this register is set to $00, configuring all port E pins as I/O pins.
PORTE0, PORTE1— Port E Data Register
$YFFA11, YFFA13
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOT USED
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
RESET:
U
U
U
U
U
U
U
U
DDRE — Port E Data Direction Register
$YFFA15
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DDE7
DDE6
DDE5
DDE4
DDE3
DDE2
DDE1
DDE0
RESET:
0
0
0
0
0
0
0
0
PEPAR — Port E Pin Assignment
$YFFA17
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PEPA7
PEPA6
PEPA5
PEPA4
PEPA3
PEPA2
PEPA1
PEPA0
RESET:
DATA8
DATA8
DATA8
DATA8
DATA8
DATA8
DATA8
DATA8
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com