Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 29Page - Texas Instruments ADS58C48IPFP Datasheet HTML 30Page - Texas Instruments ADS58C48IPFP Datasheet HTML 31Page - Texas Instruments ADS58C48IPFP Datasheet HTML 32Page - Texas Instruments ADS58C48IPFP Datasheet HTML 33Page - Texas Instruments ADS58C48IPFP Datasheet HTML 34Page - Texas Instruments ADS58C48IPFP Datasheet HTML 35Page - Texas Instruments ADS58C48IPFP Datasheet HTML 36Page - Texas Instruments ADS58C48IPFP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
60
70
80
90
Frequency (MHz)
Ain =−36dBFS,Fin =140MHz
Fs = 185 MSPS
Over 40MHz BW,27M to 67M
SNR = 77.6 dBFS
SINAD = 77.5 dBFS
SFDR = 68 dBc
SNR BOOST Filter # 30
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
60
70
80
90
Frequency (MHz)
Ain = −2dBFS, Fin =140MHz,
Fs = 185 MSPS
Over 40MHz BW,27M to 67M
SNR = 74.6 dBFS
SINAD = 74.3 dBFS
SFDR = 85 dBc
SNR BOOST Filter # 30
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
60
70
80
90
Frequency (MHz)
Ain =−36dBFS,Fin = 140MHz,
Fs = 185 MSPS
Over 30MHz BW,32M to 62M
SNR = 77.8 dBFS
SINAD = 77.7 dBFS
SFDR = 66 dBc
SNR BOOST Filter # 24
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
60
70
80
90
Frequency (MHz)
Ain = −2dBFS, Fin =140MHz,
Fs = 185 MSPS
Over 30MHz BW,32M to 62M
SNR = 75.4 dBFS
SINAD = 75 dBFS
SFDR = 85 dBc
SNR BOOST Filter # 24
ADS58C48
www.ti.com
SLAS689 – MAY 2010
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock. 1.5 VPP
differential clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, High Perf Mode disabled, 0 dB gain,
DDR LVDS output interface, 32k point FFT (unless otherwise noted)
FFT WITH SNRBoost 3G ENABLED, 40-MHz BANDWIDTH
FFT WITH SNRBoost 3G ENABLED, 40-MHz BANDWIDTH
Figure 16.
Figure 17.
FFT WITH SNRBoost 3G ENABLED, 30-MHz BANDWIDTH
FFT WITH SNRBoost 3G ENABLED, 30-MHz BANDWIDTH
Figure 18.
Figure 19.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com