Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 35Page - Texas Instruments ADS58C48IPFP Datasheet HTML 36Page - Texas Instruments ADS58C48IPFP Datasheet HTML 37Page - Texas Instruments ADS58C48IPFP Datasheet HTML 38Page - Texas Instruments ADS58C48IPFP Datasheet HTML 39Page - Texas Instruments ADS58C48IPFP Datasheet HTML 40Page - Texas Instruments ADS58C48IPFP Datasheet HTML 41Page - Texas Instruments ADS58C48IPFP Datasheet HTML 42Page - Texas Instruments ADS58C48IPFP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
80
80.5
81
81.5
82
82.5
83
83.5
84
84.5
85
85.5
86
−40
−20
0
20
40
60
80
AVDD = 1.68V
AVDD = 1.72V
AVDD = 1.78V
AVDD = 1.82V
AVDD = 1.88V
AVDD = 1.92V
Temperature (°C)
Fin = 40MHz
66.5
66.6
66.7
66.8
66.9
67
−40
−20
0
20
40
60
80
Temperature (°C)
AVDD = 1.68V
AVDD = 1.72V
AVDD = 1.78V
AVDD = 1.82V
AVDD = 1.88V
AVDD = 1.92V
Fin = 40MHz
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
83
83.2
83.4
83.6
83.8
84
84.2
84.4
84.6
84.8
85
66.7
66.71
66.72
66.73
66.74
66.75
66.76
66.77
66.78
66.79
66.8
SFDR
DRVDD SUPPLY (V)
SNR
Fin = 40MHz
ADS58C48
www.ti.com
SLAS689 – MAY 2010
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock. 1.5 VPP
differential clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, High Perf Mode disabled, 0 dB gain,
DDR LVDS output interface, 32k point FFT (unless otherwise noted)
SFDR ACROSS TEMPERATURE
SNR ACROSS TEMPERATURE
vs
vs
AVDD SUPPLY
AVDD SUPPLY
Figure 34.
Figure 35.
PERFORMANCE ACROSS DRVDD SUPPLY VOLTAGE
Figure 36.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com