Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 1 Page - Texas Instruments

  ADS58C48IPFP Datasheet HTML 1Page - Texas Instruments ADS58C48IPFP Datasheet HTML 2Page - Texas Instruments ADS58C48IPFP Datasheet HTML 3Page - Texas Instruments ADS58C48IPFP Datasheet HTML 4Page - Texas Instruments ADS58C48IPFP Datasheet HTML 5Page - Texas Instruments ADS58C48IPFP Datasheet HTML 6Page - Texas Instruments ADS58C48IPFP Datasheet HTML 7Page - Texas Instruments ADS58C48IPFP Datasheet HTML 8Page - Texas Instruments ADS58C48IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
ADS58C48
www.ti.com
SLAS689 – MAY 2010
Quad Channel IF Receiver with SNRBoost 3G
Check for Samples: ADS58C48
1
FEATURES
DESCRIPTION
•
Maximum Sample Rate: 200 MSPS
The ADS58C48 is a quad channel 11-bit A/D
converter with sampling rate up to 200 MSPS. It uses
•
High Dynamic Performance
innovative design techniques to achieve high dynamic
–
SFDR 82 dBc at 140 MHz
performance, while consuming extremely low power
–
72.3 dBFS SNR in 60 MHz BW Using
at
1.8V
supply.
This
makes
it
well-suited
for
SNRBoost 3G technology
multi-carrier,
wide
band-width
communications
applications.
•
SNRBoost 3G Highlights
–
Supports Wide Bandwidth up to 60 MHz
The ADS58C48 uses third-generation SNRBoost 3G
technology to overcome SNR limitation due to
–
Programmable Bandwidths – 60 MHz, 40
quantization noise (for bandwidths < Nyquist, Fs/2).
MHz, 30 MHz, 20 MHz
Enhancements in the SNRBoost 3G technology allow
–
Flat Noise Floor within the Band
support for SNR improvements over wide bandwidths
–
Independent SNRBoost 3G Coefficients for
(up to 60 MHz). In addition, separate SNRBoost 3G
Every Channel
coefficients can be programmed for each channel.
•
Output Interface
The device has digital gain function that can be used
to improve SFDR performance at lower full-scale
–
Double Data Rate (DDR) LVDS with
input ranges. It includes a dc offset correction loop
Programmable Swing and Strength
that can be used to cancel the ADC offset.
–
Standard Swing: 350 mV
The digital outputs of all channels are output as DDR
–
Low Swing: 200 mV
LVDS (Double Data Rate) together with an LVDS
–
Default Strength: 100-
Ω Termination
clock output. The low data rate of this interface (400
–
2x Strength: 50-
Ω Termination
Mbps at 200 MSPS sample rate) makes it possible to
use low-cost FPGA-based receivers. The strength of
–
1.8V Parallel CMOS Interface Also
the LVDS output buffers can be increased to support
Supported
50-
Ω differential termination. This allows the output
•
Ultra-Low Power with Single 1.8-V Supply
clock signal to be connected to two separate receiver
–
0.9-W Total Power
chips with an effective 50-
Ω termination (such as the
two clock ports of the GC5330).
–
1.32-W Total Power (200 MSPS) with
SNRBoost 3G on all 4 Channels
The same digital output pins can also be configured
–
1.12-W Total Power (200 MSPS) with
as a parallel 1.8-V CMOS interface.
SNRBoost 3G on 2 Channels
It includes internal references while the traditional
•
Programmable Gain up to 6dB for SNR/SFDR
reference pins and associated decoupling capacitors
Trade-Off
have been eliminated. The device is specified over
the industrial temperature range (–40°C to 85°C).
•
DC Offset Correction
•
Supports Low Input Clock Amplitude
•
80-TQFP Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS58C48IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58C48 TI1-ADS58C48 Datasheet
2Mb / 71P
Quad Channel IF Receiver with SNRBoost 3G
ADS58C48 TI1-ADS58C48_14 Datasheet
2Mb / 71P
Quad Channel IF Receiver with SNRBoost 3G
More results

Similar Description - ADS58C48IPFP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6657 AD-AD6657 Datasheet
1Mb / 32P
Quad IF Receiver
REV. 0
AD6657A AD-AD6657A Datasheet
1Mb / 36P
Quad IF Receiver
REV. 0
logo
Texas Instruments
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
Dual Channel IF Receiver with SNRBoost3G
ADS58C48 TI1-ADS58C48_14 Datasheet
2Mb / 71P
Quad Channel IF Receiver with SNRBoost 3G
ADS58C28 TI1-ADS58C28_16 Datasheet
2Mb / 68P
Dual Channel IF Receiver with SNRBoost 3G
logo
Analog Devices
AD6684 AD-AD6684 Datasheet
2Mb / 107P
135 MHz Quad IF Receiver
REV. 0
AD6657A AD-AD6657A_17 Datasheet
1Mb / 37P
Quad IF Receiver
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com