Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 12Page - Texas Instruments ADS58C48IPFP Datasheet HTML 13Page - Texas Instruments ADS58C48IPFP Datasheet HTML 14Page - Texas Instruments ADS58C48IPFP Datasheet HTML 15Page - Texas Instruments ADS58C48IPFP Datasheet HTML 16Page - Texas Instruments ADS58C48IPFP Datasheet HTML 17Page - Texas Instruments ADS58C48IPFP Datasheet HTML 18Page - Texas Instruments ADS58C48IPFP Datasheet HTML 19Page - Texas Instruments ADS58C48IPFP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
ADS58C48
SLAS689 – MAY 2010
www.ti.com
SERIAL REGISTER MAP
Table 7. Summary of Functions Supported by Serial Interface(1) (2)
REGISTER
REGISTER DATA
ADDRESS
A7–A0 IN
D7
D6
D5
D4
D3
D2
D1
D0
HEX
00
0
0
0
0
0
0
<RESET>
<READOUT>
01
<LVDS SWING>
0
0
25
<GAIN CH B>
0
<TEST PATTERNS – CH B>
26
0
<CH B SNRBoost FILTER #>
<SNRBoost
28
0
0
0
0
0
0
0
CH B ON>
<DATA FORMAT CH A CH
29
0
0
0
0
0
0
B>
2B
<GAIN CH A>
0
<TEST PATTERNS – CH A>
2D
0
<CH A SNRBoost FILTER #>
<SNRBoost
2E
0
0
0
0
0
0
0
CH A ON>
31
<GAIN CH C>
0
<TEST PATTERNS – CH C>
32
0
<CH C SNRBoost FILTER #>
<SNRBoost
34
0
0
0
0
0
0
0
CH C ON>
<DATA FORMAT CH C CH
35
0
0
0
0
0
0
D>
37
<GAIN CH D>
0
<TEST PATTERNS – CH D>
39
0
<CH D SNRBoost FILTER #>
<SNRBoost
3A
0
0
0
0
0
0
0
CH D ON>
<EN OFFSET
3D
0
0
0
0
0
0
0
CORR>
3F
0
0
<CUSTOM PATTERN HIGH D10:D5>
40
<CUSTOM PATTERN D4:D0>
0
0
0
<CMOS CLKOUT
41
<LVDS CMOS>
0
0
<PDN OBUF LVDS>
STRENGTH>
<DIGITAL
42
<CLKOUT FALL POSN>
<CLKOUT RISE POSN>
<PDN OBUF CMOS>
0
MODE 1>
DIGITAL
44
0
0
0
0
0
0
0
MODE 2>
<LVDS
<LVDS
<PDN
<CONFIG
45
<STBY>
CLKOUT
DATA
0
0
0
GLOBAL>
PDN Pin>
STRENGTH> STRENGTH>
BF
<OFFSET PEDESTAL – CH B>
0
0
0
0
0
C1
<OFFSET PEDESTAL – CH A>
0
0
0
0
0
C3
<OFFSET PEDESTAL – CH C>
0
0
0
0
0
C5
<OFFSET PEDESTAL – CH D>
0
0
0
0
0
<FREEZE
CF
OFFSET
0
<OFFSET CORR TIME CONSTANT>
0
0
CORR>
<OVERRIDE
EA
0
0
0
0
0
0
0
SNRB pins>
F1
0
0
0
0
0
0
<EN LVDS SWING>
03
0
0
0
0
0
0
<HIGH PERF MODE>
(1)
All registers default to zeros after reset.
(2)
Multiple functions in a register can be programmed in a single write operation.
16
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com