Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 17Page - Texas Instruments ADS58C48IPFP Datasheet HTML 18Page - Texas Instruments ADS58C48IPFP Datasheet HTML 19Page - Texas Instruments ADS58C48IPFP Datasheet HTML 20Page - Texas Instruments ADS58C48IPFP Datasheet HTML 21Page - Texas Instruments ADS58C48IPFP Datasheet HTML 22Page - Texas Instruments ADS58C48IPFP Datasheet HTML 23Page - Texas Instruments ADS58C48IPFP Datasheet HTML 24Page - Texas Instruments ADS58C48IPFP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
ADS58C48
www.ti.com
SLAS689 – MAY 2010
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
39
00
0
<CHD SNRBoost FILTER #>
D6-D0
<CH X SNRBoost FILTER #> Select any one of 55 SNRBoost filters for channel X,
Refer to Digital Functions Control Bits
Refer to section SNR ENHANCEMENT USING SNRBOOST
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
3A
00
0
<SNRBoost
0
0
0
0
0
0
CH D ON>
D6
<SNRBoost CH X ON>
0
SNRBoost for channel A,B,C,D is OFF
1
SNRBoost for channel A,B,C,D is ON
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
3D
00
0
0
<EN OFFSET
0
0
0
0
0
CORR>
D5
<EN OFFSET CORR> ONLY when register bit DIGITAL MODE1 is set
0
Offset correction disabled
1
Offset correction enabled
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
3F
00
0
0
<CUSTOM PATTERN D10:D5>
40
00
<CUSTOM PATTERN D10:D5>
0
0
0
D5-D0
<CUSTOM PATTERN D10:D5>
6 Upper bits of custom pattern available at output instead of ADC data
D7-D3
<CUSTOM PATTERN D4:D0>
5 Lower bits of custom pattern available at output instead of ADC data
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com