Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 9Page - Texas Instruments ADS58C48IPFP Datasheet HTML 10Page - Texas Instruments ADS58C48IPFP Datasheet HTML 11Page - Texas Instruments ADS58C48IPFP Datasheet HTML 12Page - Texas Instruments ADS58C48IPFP Datasheet HTML 13Page - Texas Instruments ADS58C48IPFP Datasheet HTML 14Page - Texas Instruments ADS58C48IPFP Datasheet HTML 15Page - Texas Instruments ADS58C48IPFP Datasheet HTML 16Page - Texas Instruments ADS58C48IPFP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
T0109-01
Register Address
RegisterData
t
(SCLK)
t
(DSU)
t
(DH)
t
(SLOADS)
D7
A7
D3
A3
D5
A5
D1
A1
D6
A6
D2
A2
D4
A4
D0
A0
SDATA
SCLK
SEN
RESET
t
(SLOADH)
ADS58C48
www.ti.com
SLAS689 – MAY 2010
Figure 6. Serial Interface Timing
SERIAL INTERFACE TIMING CHARACTERISTICS
Typical values at 25°C, min and max values across the full temperature range TMIN = –40°C to TMAX = 85°C,
AVDD = 1.8 V, DRVDD = 1.8 V, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNIT
fSCLK
SCLK frequency (= 1/ tSCLK)
> DC
20
MHz
tSLOADS
SEN to SCLK setup time
25
ns
tSLOADH
SCLK to SEN hold time
25
ns
tDS
SDATA setup time
25
ns
tDH
SDATA hold time
25
ns
Serial Register Readout
The device includes an option where the contents of the internal registers can be read back. This may be useful
as a diagnostic check to verify the serial interface communication between the external controller and the ADC.
a. First, set register bit <READOUT> = 1 to put the device in serial readout mode. This disables any further
writes into the registers, EXCEPT the register at address 0. Note that the <READOUT> bit is also located in
register 0. The device can exit readout mode by writing <READOUT> to 0.
b. Also, only the contents of register at address 0 cannot be read in the register readout mode
c. Initiate a serial interface cycle specifying the address of the register (A7 – A0) whose content has to be read.
d. The device outputs the contents (D15 – D0) of the selected register on the SDOUT pin
e. The external controller can latch the contents at the falling edge of SCLK.
f.
To enable register writes, reset register bit <READOUT> = 0.
The serial register readout works with CMOS and LVDS interfaces.
When <READOUT> is disabled, SDOUT pin is in high-impedance state.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com