Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFP Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 47 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 43Page - Texas Instruments ADS58C48IPFP Datasheet HTML 44Page - Texas Instruments ADS58C48IPFP Datasheet HTML 45Page - Texas Instruments ADS58C48IPFP Datasheet HTML 46Page - Texas Instruments ADS58C48IPFP Datasheet HTML 47Page - Texas Instruments ADS58C48IPFP Datasheet HTML 48Page - Texas Instruments ADS58C48IPFP Datasheet HTML 49Page - Texas Instruments ADS58C48IPFP Datasheet HTML 50Page - Texas Instruments ADS58C48IPFP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900 1000
0.01
0.1
1
10
100
1000
10000
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900 1000
1
1.5
2
2.5
3
3.5
4
4.5
ADS58C48
www.ti.com
SLAS689 – MAY 2010
Depending on the input frequency, sample rate AND input amplitude, one of these plays a dominant part in
limiting performance.
At very high input frequencies (> about 300 MHz), SFDR is determined largely by the device’s sampling circuit
non-linearity. At low input amplitudes, the quantizer non-linearity usually limits performance.
Glitches are caused by the opening and closing of the sampling switches. The driving circuit should present a
low source impedance to absorb these glitches. Otherwise, this could limit performance, mainly at low input
frequencies (up to about 200 MHz). It is also necessary to present low impedance (< 50
Ω) for the common
mode switching currents. This can be achieved by using two resistors from each input terminated to the common
mode voltage (VCM).
The device includes an internal R-C filter from each input to ground. The purpose of this filter is to absorb the
sampling glitches inside the device itself. The cut-off frequency of the R-C filter involves a trade-off.
A lower cut-off frequency (larger C) absorbs glitches better, but it reduces the input bandwidth. On the other
hand, with a higher cut-off frequency (smaller C), bandwidth support is maximized. But now, the sampling
glitches need to be supplied by the external drive circuit. This has limitations due to the presence of the package
bond-wire inductance.
In ADS58C48, the R-C component values have been optimized while supporting high input bandwidth (up to 550
MHz). However, in applications with input frequencies up to 200 - 300 MHz, the filtering of the glitches can be
improved further using an external R-C-R filter (as shown in Figure 54 and Figure 55).
In addition to the above, the drive circuit may have to be designed to provide a low insertion loss over the
desired frequency range and matched impedance to the source. While doing this, the ADC input impedance
must be considered. Figure 52 and Figure 53 show the impedance (Zin = Rin || Cin) looking into the ADC input
pins.
DIFFERENTIAL INPUT RESISTANCE
DIFFERENTIAL INPUT CAPACITANCE
vs
vs
FREQUENCY
FREQUENCY
Figure 52. ADC Analog Input Resistance (Rin)
Figure 53. ADC Analog Input Capacitance (Cin)
Across Frequency
Across Frequency
Driving Circuit
Two example driving circuit configurations are shown in Figure 54 and Figure 55, one optimized for low
bandwidth (low input frequencies) and the other one for high bandwidth to support higher input frequencies.
Note that both the drive circuits have been terminated by 50
Ω near the ADC side. The termination is
accomplished by a 25-
Ω resistor from each input to the 1.5-V common-mode (VCM) from the device. This allows
the analog inputs to be biased around the required common-mode voltage.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com