Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFP Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFP
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFP Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS58C48IPFP Datasheet HTML 45Page - Texas Instruments ADS58C48IPFP Datasheet HTML 46Page - Texas Instruments ADS58C48IPFP Datasheet HTML 47Page - Texas Instruments ADS58C48IPFP Datasheet HTML 48Page - Texas Instruments ADS58C48IPFP Datasheet HTML 49Page - Texas Instruments ADS58C48IPFP Datasheet HTML 50Page - Texas Instruments ADS58C48IPFP Datasheet HTML 51Page - Texas Instruments ADS58C48IPFP Datasheet HTML 52Page - Texas Instruments ADS58C48IPFP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
CLKP
5 kW
VCM
5 kW
2 pF
20 W
20 W
CLKM
Clock Buffer
Ceq
Ceq
Ceq
1 to 3 pF, Equivalent Input Capacitance of Clock Buffer
»
Lpkg
4 nH
»
Lpkg
4 nH
»
Cbond
1 pF
»
Cbond
1 pF
»
Resr
100
»
W
Resr
100
»
W
S0275-04
ADS58C48
www.ti.com
SLAS689 – MAY 2010
INPUT COMMON-MODE
To ensure a low-noise, common-mode reference, the VCM pin is filtered with a 0.1-mF low-inductance capacitor
connected to ground. The VCM pin is designed to directly bias the ADC inputs (refer to Figure 54 to Figure 56).
Each ADC input pin sinks a common-mode current of approximately 0.8 mA per MSPS of clock frequency.
When a differential amplifier is used to drive the ADC (with dc-coupling), ensure that the output common-mode of
the amplifier is within the acceptable input common-mode range of the ADC inputs (Vcm ± 50mV).
CLOCK INPUT
The clock inputs of ADS58C48 can be driven differentially (sine, LVPECL or LVDS) or single-ended (LVCMOS),
with little or no difference in performance between them. The common-mode voltage of the clock inputs is set to
VCM using internal 5-k
Ω resistors. This allows using transformer-coupled drive circuits for sine wave clock or
ac-coupling for LVPECL, LVDS clock sources
Figure 57. Internal Clock Buffer
Single-ended CMOS clock can be ac-coupled to the CLKP input, with CLKM connected to ground with a 0.1-µF
capacitor, as shown in Figure 59. For best performance, the clock inputs have to be driven differentially, reducing
susceptibility to common-mode noise. For high input frequency sampling, it is recommended to use a clock
source with very low jitter. Band-pass filtering of the clock source can help reduce the effect of jitter. There is no
change in performance with a non-50% duty cycle clock input.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com