Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952GXP Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 51Page - STMicroelectronics L9952GXP Datasheet HTML 52Page - STMicroelectronics L9952GXP Datasheet HTML 53Page - STMicroelectronics L9952GXP Datasheet HTML 54Page - STMicroelectronics L9952GXP Datasheet HTML 55Page - STMicroelectronics L9952GXP Datasheet HTML 56Page - STMicroelectronics L9952GXP Datasheet HTML 57Page - STMicroelectronics L9952GXP Datasheet HTML 58Page - STMicroelectronics L9952GXP Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
L9952GXP
SPI control and status registers
Doc ID 13518 Rev 5
55/68
8.1.1
Control register 0
While writing to the control register 0, the status register 0 can be read at the DO-Output of
the SPI.
x
Table 36.
Control register 0
5V2
Driver ON Signals
Bit
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
w
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Name
GO
V1
GO
Vbat
TRIG
ON
V21
ON
V20
REL
2
REL
1
OUT
HS2
OUT
HS1
OUT
HS0
HS
42
HS
41
HS
40
HS
32
HS
31
HS
30
HS
22
HS
21
HS
20
HS
12
HS
11
HS
10
Table 37.
Configuration bit HSxx
Name / state
Definition/ function
HSx2
HSx1
HSx0
Defines the output configuration of the High Side Drivers 1-4
Table 38.
Configuration bit OUT_HSx
Name / state
Definition/ function
OUT_HS
2
OUT_HS
1
OUT_HS
0
Defines the output configuration of the High Side Driver OUT_HS
0
0
0
Driver is OFF in all modes
0
0
1
Driver is ON in active mode, off in standby mode
01
0
Driver is cyclic ON with the timing of Timer 1 in active mode and standby
modes
01
1
Driver is cyclic ON with the timing of Timer 2 in active mode and standby
modes
1
0
0
Driver is controlled by the PWM1 Input
1
0
1
Driver is controlled by the PWM2 Input
Table 39.
Configuration bit RELx
Name / state
Definition/ function
RELx
Defines the Output configuration of the low side relay drivers 1/2
0
Driver is OFF in all modes
1
Driver is ON in active mode (off in standby mode)
Table 40.
Configuration bit On_V2x
Name / state
Definition/ function
On_V21
On_V20
Defines in which modes the voltage regulator 2 is on
0
0
Voltage regulator 2 is OFF in all modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com