Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952GXP Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 43Page - STMicroelectronics L9952GXP Datasheet HTML 44Page - STMicroelectronics L9952GXP Datasheet HTML 45Page - STMicroelectronics L9952GXP Datasheet HTML 46Page - STMicroelectronics L9952GXP Datasheet HTML 47Page - STMicroelectronics L9952GXP Datasheet HTML 48Page - STMicroelectronics L9952GXP Datasheet HTML 49Page - STMicroelectronics L9952GXP Datasheet HTML 50Page - STMicroelectronics L9952GXP Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
L9952GXP
Electrical characteristics
Doc ID 13518 Rev 5
47/68
7.13
Operational amplifier
The voltages are referred to gnd and currents are assumed positive, when the current flows
into the pin. 6V < VS < 18V; Tj = -40...130°C, unless otherwise specified.
Note:
The operational amplifier is on-chip stabilized for external capacitive loads
CL < 25pF (all operating
conditions)
Table 27.
Operational amplifier
Item
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
7.13.1
GBW
GBW product
1
3.5
7.0
MHz
7.13.2
AVOLDC
DC open loop gain
80
dB
7.13.3
PSRR
Power supply rejection
DC, Vin =150 mV
80
dB
7.13.4
Voff
Input offset voltage
-5
+5
mV
7.13.5
VICR
Common mode input
range
-0.2
0
3
V
7.13.6
VOH
Output voltage range high Iload = 1mA to Gnd
0.2
VS
VS
V
7.13.7
VOL
Output voltage range low
Iload = 1mA to VS
0
0.2
V
7.13.8
Ilim+
Output current limitation +
DC
5
10
20
mA
7.13.9
Ilim-
Output current limitation -
DC
-5
-10
-20
mA
7.13.10
SR+
Slew rate positive
1
4
10
V/µs
7.13.11
SR-
Slew rate negative
-1
-4
-10
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com