Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952GXP Datasheet(PDF) 59 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 55Page - STMicroelectronics L9952GXP Datasheet HTML 56Page - STMicroelectronics L9952GXP Datasheet HTML 57Page - STMicroelectronics L9952GXP Datasheet HTML 58Page - STMicroelectronics L9952GXP Datasheet HTML 59Page - STMicroelectronics L9952GXP Datasheet HTML 60Page - STMicroelectronics L9952GXP Datasheet HTML 61Page - STMicroelectronics L9952GXP Datasheet HTML 62Page - STMicroelectronics L9952GXP Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
L9952GXP
SPI control and status registers
Doc ID 13518 Rev 5
59/68
8.1.3
Control register 2
While writing to the control register 2, the status register 0 can be read at the DO-Output of
the SPI.
Table 48.
Control register 2
Input filter configuration
Reset
level
LIN
Open load threshold
Bit
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
W
W
W
W
W
W
W
W
W
W
W
W
W
W
W
W
W
W
W
W
W
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Name
RES
ICMP
LSO
VUV
LIN
Slope
IC
41
IC
40
IC
31
IC
30
IC
21
IC
20
IC
11
IC
10
LEV
1
LEV
0
TXDT
Out
LINP
U
O_HS
REC
VS
Lock
Out
OLT
HS4
OLT
HS3
OLT
HS2
OLT
HS1
Table 49.
Configuration bit OLT_HSx, VSLOCK Out, O_HS_REC, LINPU and
TXD_TOUT
Name/state
Definition/function
OLT_HSx
Open load threshold for the High Side Drivers Out1..4
0: Iopenload = 2mA; 1: Iopenload = 8mA
VSLOCK
Out
Automatic recovery after VS Over/Under voltage
“0” (default): Vs lockout is disabled, i.e. outputs will automatically recover (according
to output settings in CR0) after Vs over / under - voltage conditions has disappeared
“1”: Vs lockout is enabled, i.e. outputs will remain Off after Vs over / under voltage
recovery conditions has disappeared, until the Vs over / under voltage Status Bits
(SR1, bit s0,1) are cleared by CLR command (CR1, bit 21).
O_HS_REC
“1” = Recovery mode for OUT_HS Driver.
LINPU
“1” will disable the master pull up LINPU
TXD_TOUT
“1” will disable the dominant TxD time-out for the LIN Interface.
Table 50.
Configuration bit LEVx
Name/state
Definition/function
LEV1
LEV0
Controls the reset level
0
0
Set the reset threshold to 4.65V, typ.
0
1
Set the reset threshold to 4.35V, typ.
1
X
Reserved (do not use for operation, set LEV1 to “0”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com