Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952GXP Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 39Page - STMicroelectronics L9952GXP Datasheet HTML 40Page - STMicroelectronics L9952GXP Datasheet HTML 41Page - STMicroelectronics L9952GXP Datasheet HTML 42Page - STMicroelectronics L9952GXP Datasheet HTML 43Page - STMicroelectronics L9952GXP Datasheet HTML 44Page - STMicroelectronics L9952GXP Datasheet HTML 45Page - STMicroelectronics L9952GXP Datasheet HTML 46Page - STMicroelectronics L9952GXP Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
L9952GXP
Electrical characteristics
Doc ID 13518 Rev 5
43/68
7.12.7
VRXDHIGH
Output voltage
recessive level
Normal mode, V1=5V,
2mA
4.5
V
7.12.8
VTHdom
Receiver threshold
voltage recessive
to dominant state
0.4
VS
0.45
VS
0.5
VS
V
7.12.9
VTHrec
Receiver threshold
voltage dominant
to recessive state
0.5
VS
0.55
VS
0.6
VS
V
7.12.10
VTHhys
Receiver threshold
hysteresis
VTHrec - VTHdom
0.07
VS
0.1
VS
0.175
VS
V
7.12.11
VTHcnt
Receiver tolerance
center value
(VTHrec + VTHdom) / 2
0.475
VS
0.5
VS
0.525
VS
V
7.12.12
VTHwkup
Receiver wakeup
threshold voltage
1.0
1.5
2
V
7.12.13
VTHwkdwn
Receiver wakeup
threshold voltage
3.5
Vs
2.5
Vs
1.5
Vs
V
7.12.14
Tbus
Dominant time for
wakeup via bus
Sleep mode
edge: rez.- dom.
64
µs
Table 23.
LIN DC parameters
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
LIN
DC parameters
7.12.15
ILINDomSC
Transmitter input
current limit in
dominant state
VTxD = VTxDlow
VLIN = Vbatmax = 18V
40
100
180
mA
7.12.16
Ibus_PAS_dom
Input leakage
current at the
receiver incl.
Pull-Up resistor
VTxD = VTxDhigh
VLIN = 0V, VBAT =12V,
Slave mode
-1
mA
7.12.17
Ibus_PAS_drec
Transmitter input
current in
recessive state
VTxD = VTxDhigh
8V<VLIN, VBAT<18V;
VLIN ≥ VBAT
20
µA
7.12.18
Ibus_NO_GND
Input current if loss
of GND at Device
GND = Vs,
0V<VLIN<18V
VBAT=12V
-1
1
mA
7.12.19
Ibus
Input current if loss
of Vbat at device
GND = Vs,
0V<VLIN<18V
100
µA
Table 22.
LIN receiver (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
LIN
LIN receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com