Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952GXP Datasheet(PDF) 62 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 58Page - STMicroelectronics L9952GXP Datasheet HTML 59Page - STMicroelectronics L9952GXP Datasheet HTML 60Page - STMicroelectronics L9952GXP Datasheet HTML 61Page - STMicroelectronics L9952GXP Datasheet HTML 62Page - STMicroelectronics L9952GXP Datasheet HTML 63Page - STMicroelectronics L9952GXP Datasheet HTML 64Page - STMicroelectronics L9952GXP Datasheet HTML 65Page - STMicroelectronics L9952GXP Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
SPI control and status registers
L9952GXP
62/68
Doc ID 13518 Rev 5
Note:
RES = reserved bits.
8.1.5
Status register 1
The contents of the status register 1 can be read implicitly, while accessing the control
register 1.
INH
Wakeup initiated through INH source
LIN
Wakeup initiated through LIN source
Cold Start
Set to high when the internal Power on Reset occurs.
Will be cleared with the first SPI access.
Table 55.
Configuration bit SHT5V2, WUx, INH, LIN and Cold Start (continued)
Name/state
Definition/function
Table 56.
Status register 1
LIN state
WD resets
5V restarts
State
Bit
21
20
19
18
17
16
15
14
13
12
11
10
98
7654
3210
Access
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Name
RES
RES
DOM
TXD
SHT
BAT
SHT
GND
TRIG
WD
3
WD
2
WD
1
WD
0
R2
R1
R0
ST1
ST0
V2
Fail
V1
Fail
TSD
2
TSD
1
TW
UV
OV
Table 57.
Configuration bit OV, UV, TW, TSDx and Vx Fail
Name
Definition, function
OV
Over voltage failure of Vs.
UV
Under voltage failure of Vs.
TW
Temperature Warning: the chip temperature exceeds 130°C
TSD1
Thermal shutdown #1: The chip temperature exceeds 140°C
All Outputs, except the voltage regulator 1 are switched off.
TSD2
Thermal shutdown #2: The chip temperature exceeds 155°C
All Outputs, including the voltage regulator 1 are switched off.
V1 Fail
The output of Voltage Regulator 1 failed for at least 2µs. Conditions: (V1<2V for >2µs)
OR (V1<2V at 4ms after turn-on). ‘1’= fail
V2 Fail
The output of Voltage Regulator 2 failed for at least 2µs. Conditions: (V2<2V for >2µs)
OR (V2<2V at 4ms after turn-on). ‘1’= fail
Table 58.
Configuration bit STx
Name
Mode
ST1
ST0
0
0
Active mode
0
1
V1-standby -> a readout is wake up condition -> active mode -> 00 is read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com