Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952GXP Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 11Page - STMicroelectronics L9952GXP Datasheet HTML 12Page - STMicroelectronics L9952GXP Datasheet HTML 13Page - STMicroelectronics L9952GXP Datasheet HTML 14Page - STMicroelectronics L9952GXP Datasheet HTML 15Page - STMicroelectronics L9952GXP Datasheet HTML 16Page - STMicroelectronics L9952GXP Datasheet HTML 17Page - STMicroelectronics L9952GXP Datasheet HTML 18Page - STMicroelectronics L9952GXP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
L9952GXP
Description
Doc ID 13518 Rev 5
15/68
Figure 3.
Operating modes, main states
Active
Mode
V1: on
Reset Generator: active
Watchdog: active
Fail Safe Out: active
V1 Standby
Mode
V1: on
Reset Generator: active
Watchdog:
OFF (if Iv1<Icmp or ICMP = 1)
Fail Safe Out: active
Vbat Standby
Mode
V1: off
V2: according to SPI settings
Reset Generator: off (Nreset=low)
Watchdog: off
Fail Safe Out: low
HSD, LSD: Off
Wake-up
Event
Wake-up
Event
SPI command: ‚Go Vcc’
(D21 CR0)
Vbat startup
All registers
cleared to ‚0',
Cold start bit (D19, SR0)
set to ‚1'
Vs > Vpor
Thermal Shutdown TSD2
OR IV1 > 1mA AND ICMP = 0 AND 15 x WD fail
Flash Mode
Watchdog: OFF
Vpwm2>9V
Note 1
Vpwm2>9V
Vpwm2<7V
Vpwm2>9V
Note 1
SPI command: ‚Go Vbat’ (D20 CR0)
OR
Thermal Shutdown
OR
V1 fail (V1 < 2,5V for 4ms after POR)
=> short to GND
Or
15 x WD Failure
Note 1: only if internal oscillator is running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com