Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952GXP Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 31Page - STMicroelectronics L9952GXP Datasheet HTML 32Page - STMicroelectronics L9952GXP Datasheet HTML 33Page - STMicroelectronics L9952GXP Datasheet HTML 34Page - STMicroelectronics L9952GXP Datasheet HTML 35Page - STMicroelectronics L9952GXP Datasheet HTML 36Page - STMicroelectronics L9952GXP Datasheet HTML 37Page - STMicroelectronics L9952GXP Datasheet HTML 38Page - STMicroelectronics L9952GXP Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
L9952GXP
Electrical characteristics
Doc ID 13518 Rev 5
35/68
7.2
Oscillator
6V < VS < 18V; all outputs open; Tj = -40°C...130°C, unless otherwise specified.
7.3
Power-on reset (Vs)
All outputs open; Tj = - 40°C...130 °C, unless otherwise specified.
7.4
Voltage regulator V1
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 5.25V < VS < 27V; Tj = -40°C...130°C, unless otherwise specified.
Table 11.
Oscillator
Item
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
7.2.1
FCLK
Oscillation frequency
Vs = 6V...18V
0.808
1.01
1.35
MHz
Table 12.
Power-on Reset (Vs)
Item
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
7.3.1
VTHUP_POR
VPOR threshold
2.8
3.45
4.1
V
7.3.2
VHys_POR
Hysteresis
200
mV
Table 13.
Voltage regulator V1
Item
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
7.4.1
V1
Output voltage
5.0
V
7.4.2
V1
Output voltage tolerance
Active mode
ILOAD = 1mA...
100mA,
VS = 13.5V
+/- 2
%
7.4.3
Vhc1
Output voltage tolerance
Active mode, high current
ILOAD = 100mA ...
250mA,
VS = 13.5V
+/- 3
%
ILOAD = 250mA
VS = 13.5V,
Tj >80°C
+/- 4
%
7.4.4
VSTB1
Output voltage tolerance
in low current mode
0mA
< ILOAD<ICMP
VS = 13.5V
+/- 4
%
7.4.5
VDP1
Drop-out voltage in
undervoltage conditions
ILOAD = 50mA,
VS = 4.5V
ILOAD = 100mA,
VS =4.5V
0.2
0.3
0.4
0.5
V
V
7.4.6
ICC1
Output current in active
mode
Max. continuous
load current
250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com