Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9952GXP Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 21Page - STMicroelectronics L9952GXP Datasheet HTML 22Page - STMicroelectronics L9952GXP Datasheet HTML 23Page - STMicroelectronics L9952GXP Datasheet HTML 24Page - STMicroelectronics L9952GXP Datasheet HTML 25Page - STMicroelectronics L9952GXP Datasheet HTML 26Page - STMicroelectronics L9952GXP Datasheet HTML 27Page - STMicroelectronics L9952GXP Datasheet HTML 28Page - STMicroelectronics L9952GXP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
L9952GXP
Protection and diagnosis
Doc ID 13518 Rev 5
25/68
3
Protection and diagnosis
3.1
Power supply fail
Over and under-voltage detection on Vs.
3.1.1
Over voltage
If the supply voltage Vs reaches the over voltage threshold (VSOV)
●
The outputs HS1..4, OUT_HS, Rel1,2, and LIN are switched to high impedance state
(load protection)
●
The over voltage bit is set and can be cleared with the clear bit (CR1,CLR)
●
Automatic recovery after Vs over-voltage; selectable via SPI (CR2, bit4)
3.1.2
Under voltage
If the supply voltage Vs drops below the under voltage threshold voltage(VSUV)
●
The outputs HS1..4, OUTHS, Rel1,2, and LIN are switched to high impedance state
(load protection)
●
The under voltage bit is set
●
Automatic recovery after Vs under-voltage; selectable via SPI (CR2, bit4)
3.2
Temperature warning and thermal shutdown
See state chart: “ Protection and diagnosis”.
3.3
SPI diagnosis
Digital diagnosis features are provided by SPI:
●
V1 reset threshold programmable
●
Over temperature including pre warning
●
Open load separately for each output stage
●
Overload status
●
Vs-supply over/under voltage
●
V1 and V2 fail bit
●
Status of the WU1...4, LIN and INH pin
●
Cold start bit
●
Number of unsuccessful V1 restarts after thermal shutdown
●
Number of sequential watchdog failures
●
Status of watchdog trigger bit TRIG: (SR1, Bit 16)
●
LIN status (short to ground, short to VBAT, dominant TxD)
See the following state chart: “Protection and diagnosis”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com