Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401LF Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # FS401LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401LF Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button FS401LF Datasheet HTML 8Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 9Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 10Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 11Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 12Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 13Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 14Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 15Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
12
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
3. Pin Descriptions
Pin Name
Pin Number
FS401/FS403
Type/Value
Pin Function Description
Clocks
OSC1
2/1
TTL input
Oscillator Number 1. Default clock input to the encoder.
Input from an external oscillator; or one pin of a crystal
connected between OSC1 and OSC1BUF. NTSC
subcarrier frequency can be derived from this 4fSC clock.
OSC1 must be connected (see Table 4. Clock
Connections).
OSC1BUF
3/2
LVTTL
output
Oscillator 1 Buffer. If a crystal is used, one pin is
connected to OSC1, the other to OSC1BUF. Float this pin if
OSC1 is connected to an oscillator.
OSC2
4/3
TTL input
Oscillator Number 2. Input from an external oscillator; or
one pin of a crystal connected between OSC2 and
OSC2BUF. PAL subcarrier frequency can be derived from
this 4fSC clock. Ground if unused.
OSC2BUF
5/4
LVTTL
output
Oscillator 2 Buffer. If a crystal is used, one pin is
connected to OSC2, the other to OSC2BUF. Float this pin if
unused.
HS_IN
50/63
TTL input
VGA Horizontal Sync Input. Active HIGH or active LOW
polarity is sensed.
VS_IN
49/62
TTL input
VGA Vertical Sync Input. Active HIGH or active LOW
polarity is sensed.
Global Controls
INTCPUEN
59/77
TTL input
Internal CPU enable. INTCPUEN enables the internal
CPU when high.
FLP_RST
403 only
x/35
TTL input
Field, Line and Pixel Reset. Resets video encoder engine
to the start location on the outgoing frame. Used for
genlock. Active high.
RESET
30/37
TTL input
Reset. Resets internal state machines and initializes
default register values. Active high.
A/D Converter Interface
R_IN, G_IN,
B_IN
36/45, 39/48,
44/53
700 or 1000
mV
Analog red, blue and green inputs. AC coupled RGB
video input signals. Nominal voltage range is 0.7 or 1.0 Volt
peak-to-peak (selectable). Inputs are clamped to ground
when HS_IN is active.
VADCREF
42/51
700 or 1000
mV
A/D Converter Top Reference Voltage Input. Input to
voltage follower that supplies current to A/D converter
reference resistors. Range is 0.5 - 2.0 volts.
VTOUT
41/50
700 or 1000
mV
A/D Converter Top Reference Voltage Output. Output of
the internal VT buffer and direct connection to the A/D
reference resistor ladder. If an external A/D voltage is
used, it must be capable of driving the 100
Ω load of the
ladder. If the internal reference is used, it must be
connected to an external 0.1 µF de-coupling capacitor.
VGACLKIN
53/67
TTL input
A/D VGA converter clock input. Analog-to-digital
converter external clock input if EXTVGASEL\ = L.
EXTVGASEL\
52/66
TTL input
A/D VGA clock select. Selects the A/D clock source:
EXTVGASEL\ = H: internal phase-locked loop;
EXTVGASEL\ = L: external clock applied to VGACLKIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com