Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401LF Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # FS401LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401LF Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button FS401LF Datasheet HTML 21Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 22Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 23Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 24Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 25Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 26Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 27Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 28Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
25
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.4 Control Register Definitions
Table 3. Control Register Map
Function
Reg.
Bit #
Name
Type
Reset Value
Input Horizontal Offset
0
7-0
IHO7-0
R/W
80 (128.)
1
2-0
IHO10-8
R/W
00
Input Vertical Offset
2
7-0
IVO7-0
R/W
05
3
3-0
IVO11-8
R/W
00
Input Horizontal Active Width
4
7-0
IHAW7-0
R/W
00 (512.)
5
1-0
IHAW9-8
R/W
02
Input Lines Stored
6
7-0
ILS7-0
R/W
DC (220.)
7
1-0
ILS9-8
R/W
00
Input Horizontal Samples (per line)
8
7-0
IHS7-0
R/W
FE (766.)
9
2-0
IHS10-8
R/W
02
Input Horizontal Count
A
7-0
IHC7-0
R
B
1-0
IHC9-8
R
Input Vertical Count (lines)
C
7-0
IVC7-0
R
D
3-0
IVC11-8
R
Vertical Scaling Coefficient
E
7-0
VSC7-0
R/W
00
F
-
-
R/W
00
Command Register
10
7-0
CR7-0
R/W
00
11
5-0
CR13-8
R/W
00
Status Register
12
7-0
SR7-0
R
00
13
7-0
SR15-8
R
02
Command Register Extended
14
7-0
CRE7-0
R/W
00 (256.)
15
3-0
CRE11-8
R/W
01
Start Horizontal Active VGA
16
7-0
SHV7-0
R
17
2-0
SHV10-8
R
End Horizontal Active VGA
18
7-0
EHV7-0
R
19
2-0
EHV10-8
R
Start Vertical Active VGA
1A
7-0
SVV7-0
R
1B
2-0
SVV10-8
R
End Vertical Active VGA
1C
7-0
EVV7-0
R
1D
2-0
EVV10-8
R
Active Video Threshold
1E
7-0
AVT7-0
R/W
00
1F
-
-
R/W
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com