Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401LF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FS401LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401LF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FS401LF Datasheet HTML 1Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 2Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 3Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 4Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 5Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 6Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 7Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 8Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
5
JANUARY 24, 2007
COPYRIGHT
©1999, 2000, 2003 FOCUS ENHANCEMENTS, INC.
1. Architectural Overview
Overall design principles are included in this section. Details of how to use and setup the FS400 are included in
the Functional Description section, starting on page 75.
RGB video inputs are asynchronously converted to either NTSC/PAL, YUV or RGB video formats. Architecturally,
the FS400 is divided into five major sections:
1.
Video Capture Engine
2.
Clock Processor
3.
Frame Store Controller
4.
Video Encoder Engine
5.
Serial Bus Interface
Besides power and a few external passive components, the FS400 requires only a single 16M external SDRAM
and external clocks to implement a high quality video scan converter.
Either analog or digital inputs (FS403 only) with separate horizontal and vertical sync signals are accepted.
Analog VGA video must be RGB. Digital video (FS403 only) must be 24-bit RGB clocked by external clock,
VGACK_IN.
A wide range of resolution formats can be accepted, including common standards such as 320x240, 640x400,
720x400, 640x480, 800x600, 832x624, 1024x768, 1152x864, 1280x1024, and 1600x1200. Incoming RGB
signals are converted to either the NTSC or PAL TV Standards, 100Hz PAL, or progressive scan VGA, SVGA, or
NTSC. Output video format can be selected to be either composite and Y/C (NTSC and PAL only), or RGB or
YUV (all standards).
Incoming frame rate may range to over 150 Hz according to the table below. The Video Capture engine runs
asynchronously relative to the Video Encoder Engine. An external frame store memory separates the two
engines with write and read access controlled by the FS400.
Transformation operations include overscan, underscan, pan and zoom. Scaling operations are separated by the
frame store with vertical down-sampling incorporated into the Capture Engine and horizontal up-sampling
incorporated into the Encoder Engine.
1.1 Video Capture Engine
Triple 8-bit A/D converters digitize the analog RGB inputs at rates of up to 50 MHz. Internal A/D sample clock,
ADCK is derived from a phase locked loop referenced to the leading edge of horizontal sync. Either positive or
negative sync polarity is accepted.
The selected input (A/D converter outputs or digital RGB) is transcoded by the color matrix into a 16-bit YCRCB
4:2:2 format. A vertical scaler filters the number of incoming video lines by the selected scaling factor. A flicker
filter averages lines to eliminate flicker between lines or boundaries.
The Video Capture Engine is programmable as to the number of horizontal samples it takes. The limiting factor in
the sample rate is the A/D Converters. By programming fewer samples per line, higher incoming data rates can
be accommodated. The following table illustrates the capability:
Active Samples
720 CCIR 601
640
500
Maximum Line Frequency
56kHz
63kHz
80kHz
640 x 480
106Hz
119Hz
152Hz
800 x 600
89Hz
100Hz
128Hz
1024 x 768
70Hz
78Hz
100Hz
1152 x 864
59Hz
66Hz
85Hz
1280 x 1024
53Hz
59Hz
76Hz
1600 x 1200
44Hz
50Hz
64Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com