Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401LF Datasheet(PDF) 95 Page - List of Unclassifed Manufacturers

Part # FS401LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401LF Datasheet(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button FS401LF Datasheet HTML 91Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 92Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 93Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 94Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 95Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 96Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 97Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 98Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
95
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
7. Application Notes
7.1 Circuit Example - PC
RGB video signals and the vertical and horizontal sync signals are intercepted by tapping connections to
the VGA connector. Typically, control of the FS400 will be through the serial interface. S-video and
Composite Video outputs are fed to connector that should be located at the board edge. Power is
derived from +3.3 volt analog and digital supplies. It is recommended that the analog supply be clean of
noise.
Input impedance of the A/D converters exceeds 500K and will not load VGA RGB lines. Shunt 100pF
capacitors and 110
Ω series resistors form a low pass filter with 15 MHz cutoff. Filtering the incoming
video has two functions:
1.
equalizing the intensities of vertical lines
2.
eliminating sampling noise.
Outgoing video is filtered by low pass Bessel filters with 10 MHz cutoff. An optional low pass filter has
two functions:
1.
removal of steps from the Composite Video output
2.
limiting the bandwidth of outgoing video.
For higher definition of horizontal frequencies, a sinx/x correction filter should be incorporated to
compensate for 1 dB sampling loss of the D/A converters. Schottky diode clamps protect the FS400 from
high voltage transients.
-40.00
-30.00
-20.00
-10.00
0.00
10.00
1
10
100
Frequency (MHz)
Figure 21. Video Filter Response
0.00
10.00
20.00
30.00
40.00
50.00
1
10
100
Frequency (MHz)
Figure 22. Video Filter Delay
VTIN is derived from the bias voltage across RREF that is established by the internal reference voltage
available at VREF. RREF is split into two resistors with series resistance to set the RREF current and ratio to
establish the VTIN voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com