Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401LF Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # FS401LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401LF Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button FS401LF Datasheet HTML 83Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 84Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 85Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 86Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 87Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 88Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 89Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 90Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
87
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
Figure 18. 7-bit Slave Address with Read/Write\ Bit
1
1
1
1
0
A9
A8
R/W
ACK0
SDA
SCL
Figure 19. 10-bit address transfer, upper two bits
A7
A6
A5
A4
A3
A2
A1
A0
ACK1
ACK0
SDA
SCL
Figure 20. 10-bit address transfer, lower eight bits
There are five steps within a serial bus cycle:
1. Start signal
2. Slave address byte
3. Pointer register address byte
4. Data byte to read or write
5. Stop signal
When the serial interface is inactive (SIOCLK = H and SIODATA = H) communications are initiated by
sending a start signal. The start signal (Figure 16, left waveform) is a HIGH-to-LOW transition on
SIODATA while SIOCLK is HIGH. This signal alerts all slaved devices that a data transfer sequence is
imminent.
For 7-bit addressing, the first eight bits of data transferred after a start signal comprise a seven bit slave
address and a single R/W bit (Read = H, Write = L). As shown in Figure 17, the R/W bit indicates the
direction of data transfer, read from or write to the slave device. If the transmitted slave address matches
the address of the FS400 (set by the state of the SIOA0 and SIOA10/7 input pins in Table 5. Serial Port
Addresses, the FS400 acknowledges by bringing SIODATA LOW on the 9th SIOCLK pulse (see Figure
18). If the addresses do not match, the FS400 does not acknowledge.
With 10-bit addressing (see Figure 19 and Figure 20), data is still transferred in 8-bit chunks. The upper
two bits of the ten bit address are transferred as the lower two bits of the first byte along with the reserved
sequence 11110 in the upper five bits and the R/W bit. The lower eight bits are transferred in the second
byte without a R/W bit. Subsequent data reads or writes follow the 7-bit transfer sequences.
For each byte of data read or written, the MSB is the first bit of the sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com