| Electronic Components Datasheet Search |
|
FS401LF Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS401LF Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers |
|
53 / 104 page ![]() FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 53 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. 4.5.26 SCR – Software Control Register Software Control Register Low (60) 7 6 5 4 3 2 1 0 ENICTBL RSTCALC RSTICAL RSTVMODE CLRMCC OCAL ENABLE RESET Software Control Register High (61) 7 6 5 4 3 2 1 0 SFLK3 SFLK2 SFLK1 SFLK0 MICALNEW CNTRSML DSVMDET DSICAL Reg Bit# Bit Name Description 60 0 RESET 0: Normal operation 1: Force software reset The internal micro-controller clears this bit. 60 1 ENABLE 0: Disable internal micro-controller 1: Enable internal micro-controller The internal micro-controller will not access any FS400 SIO registers while it is disabled. 60 2 OCAL 0: Normal operation. 1: Turns on the output calibration image (color bars). 60 3 CLRMCC 0: Leave Mode Change Complete (MCC) status bit unchanged 1: Clear MCC (the internal micro-controller clears this bit). 60 4 RSTVMODE 0: Normal operation 1: Reset video mode. Forces the internal micro-controller to re- determine the size and speed of the current video mode and to re- acquire the input calibration. The internal micro-controller clears this bit. 60 5 RSTICAL 0: Normal operation 1: Resets the input calibration. This forces the internal micro-controller to re-acquire the input calibration. If input calibration table is enabled (ENICTBL = 1), then the table entry for this video mode is also reset. The internal micro-controller clears this bit. 60 6 RSTCALC 0: Normal operation 1: Forces the internal micro-controller to re-calculate the low level FS400 registers for the current mode. This does not affect the video mode or input calibration. The internal micro-controller clears this bit. 60 7 ENICTBL 0: Input calibration is not stored in the input calibration table. 1: Input calibration is stored in the input calibration table. 61 0 DSICAL 0: Normal operation 1: Disables the input calibration processing. DSICAL is used to bypass the internal micro-controller’s input calibration sampling algorithm. NOTE: This bit is used only when an external processor wants to bypass the internal micro-controller’s input calibration algorithm. It should be set to 0 for most applications. 61 1 DSVMDET 0: Normal operation 1: Disable video mode detect. The internal micro-controller will not sample IHC and IVC to detect a video mode change. NOTE: This bit is used only when an external processor wants to bypass the internal micro-controller’s video mode detect algorithm. It |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |