| Electronic Components Datasheet Search |
|
FS401LF Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS401LF Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers |
|
23 / 104 page ![]() FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 23 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. IHA Input Horizontal Active IHS Input Horizontal Samples OHO Output Horizontal Offset OVO Output Vertical Offset VSC Vertical Scaling Coefficient CR Control Register CRE Control Register Extended HSC Horizontal Scaling Coefficient FLK Flicker Filter AVT Active Video Threshold The internal micro-controller also accesses the following read-only low-level hardware registers: IVC Input Vertical Count IHC Input Horizontal Count SHV Start Horizontal Video EHV End Horizontal Video SVV Start Vertical Video EVV End Vertical Video When the internal micro-controller is enabled, an external controller should only access the following registers: SCR Software Control Register SSR Software Status Register HCRS Hardware Control Register Shadow HCRES Hardware Control Register Extended Shadow HPO Horizontal Position Offset VPO Vertical Position Offset HSS Horizontal Scale Step VSS Vertical Scale Step HPP Horizontal Pan Position VPP Vertical Pan Position TVP TV Pixels TVL TV Lines CCR Configuration Command Register CDR Configuration Data Register HOHOS Hardware Output Horizontal Offset Shadow HOVOS Hardware Output Vertical Offset Shadow CON Contrast Coefficient BRT Brightness Coefficient SHP Sharpness Coefficient CSC Color Saturation Coefficient An external controller can disable the internal micro-controller by clearing the ENABLE bit in the SCR register. When disabled (either through software or using the INTCPUEN pin), the internal micro- controller will no longer access any of the FS400 registers. The external controller becomes responsible for programming all of the low-level hardware registers. The internal micro-controller will only respond to the RESET and ENABLE bits in the SCR register while it is disabled. Changes to any of the other software registers (SCR, HCRS, HCRES, HPO, VPO, HSS, VSS, HPP, VPP, TVP, TVL, CCR, CDR, HOHOS, HOVOS) will have no effect until the internal micro- controller is re-enabled. The micro controller can be re-enabled by setting the ENABLE bit in the SCR register. The internal micro-controller will begin processing at the same point that it was disabled at. Any changes to the software registers will be processed. The low-level hardware register will eventually be re-programmed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |