Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS401LF Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # FS401LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401LF Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button FS401LF Datasheet HTML 29Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 30Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 31Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 32Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 33Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 34Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 35Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 36Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
33
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.6 IHC - Input Horizontal Count
Input Horizontal Count Low (A)
7
6
5
4
3
2
1
0
IHC7
IHC6
IHC5
IHC4
IHC3
IHC2
IHC1
IHC0
Input Horizontal Count High (B)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
IHC9
IHC8
Register
Bit#
Bit Name
Description
B, A
1-0, 7-0
IHC9-0
Input horizontal count bits [9:0] (read only). Number of 4fSC
clock pulses per horizontal line. 4fSC is the selected OSC clock
(17.734 MHz for PAL or 14.318 MHz for NTSC). IHC can be read
to determine the incoming horizontal line frequency for auto
selection of the incoming video format.
Range: {0:[1023]}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com