Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9607AP Datasheet(PDF) 9 Page - Sames

Part # PM9607AP
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9607AP Datasheet(HTML) 9 Page - Sames

Back Button PM9607AP Datasheet HTML 5Page - Sames PM9607AP Datasheet HTML 6Page - Sames PM9607AP Datasheet HTML 7Page - Sames PM9607AP Datasheet HTML 8Page - Sames PM9607AP Datasheet HTML 9Page - Sames PM9607AP Datasheet HTML 10Page - Sames PM9607AP Datasheet HTML 11Page - Sames PM9607AP Datasheet HTML 12Page - Sames PM9607AP Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
sames
PM9607AP
9/16
COMPONENT LISTS
The following component list covers all components fitted on the PM9607AP module as shipped and configured for the SA9607M
device.
Table 6: Components for SA9607M functionality, 60A rated setup
Symbol
Description
Detail
SA9607M
78C05, Voltage regulator
Diode, Silicon, 1N4148
Resistor, 120k, 1/4W, 1%, metal
Resistor, 10R, 2W, Wire wound
Resistor, 24k, 1/4W, 1%, metal
Resistor, 1M, 1/4W, 1%, metal
Resistor, 3.6R, 1/4W, 1%, metal
Resistor, 6.2R, 1/4W, 1%, metal
Resistor, 22k, 1/4W, 1%, metal
Resistor, 2.7k, 1/4W, 1%, metal
Resistor, 22k, 1/4W, 1%, metal
Resistor, 680R, 1/4W, 1%, metal
Resistor, 1k, 1/4W, 1%, metal
Capacitor, 220nF
Capacitor, 220nF
Capacitor, 1uF, 16V, electrolytic
Capacitor, 2200uF, 16V, electrolytic
Capacitor, 220uF, 16V, electrolytic
3mm Light emitting diode
Transformer, 230V/9V, 1.5VA
S20K275
Impulse counter, Kuebler, K07.80
Molex 3 pin connector, 200 mil pin spacing
Molex 7 pin connector, 100 mil pin spacing
Current Transformer, TZ-76, PCB Mount
Jumpers
Header pins
Crystal, 3.5795 Mhz
U1
IC2
D1, D2, D3, D4
R1, R2, R3
DIP-20
0R for SA9607M
R4
R5
R6
R7
R16
R17
R8, R9, R10, R11
R12, R13, R14, R15
R18, R19
R20, R21
R22
C1, C2
C3
C4
C5
C6
LED1, LED2, LED3, LED4
T1
TZ1
CNT1
Con1
Con2
CT1, CT2
9
25
X1
http://www.sames.co.za



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com