Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9607AP Datasheet(PDF) 3 Page - Sames

Part # PM9607AP
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9607AP Datasheet(HTML) 3 Page - Sames

  PM9607AP Datasheet HTML 1Page - Sames PM9607AP Datasheet HTML 2Page - Sames PM9607AP Datasheet HTML 3Page - Sames PM9607AP Datasheet HTML 4Page - Sames PM9607AP Datasheet HTML 5Page - Sames PM9607AP Datasheet HTML 6Page - Sames PM9607AP Datasheet HTML 7Page - Sames PM9607AP Datasheet HTML 8Page - Sames PM9607AP Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
USING THE SA9607P IC
The EEPROM on the SA9607AP module may be programmed in circuit with the use of a PC and a IIC interface module. The
interface module is available from SAMES and includes a IIC interface, a 7 way connector cable as well as all the components
needed to convert the module to a trim pot less meter. Figure 2 show how to connect the metering module, interface module as well
as the PC.
Figure 2: PM9607AP mains connections as well as PC programming setup
Live
Neutral
Load
sames
PM9607AP
3/16
To use the PM9607AP module with a SA9607P integrated
circuit the following components need to be changed:
n
n
n
n
n
n
n
Insert the EEPROM from socket U3.
Replace termination resistors R16 and R7 with 3.6
resistor.*
Remove Channel 2 trim-pot P1.*
Remove P2 trim-pot. Short-circuit the trim-pot footprint.*
Replace resistor R17 with a 24K resistor.*
Remove jumpers J5, J6 and J7.
Resistor R22 must be fitted if EEPROM will be
programmed in circuit.
* Component change is only require if the module should not
contain any trim-pots.
W
http://www.sames.co.za



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com