Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9607AP Datasheet(PDF) 5 Page - Sames

Part # PM9607AP
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9607AP Datasheet(HTML) 5 Page - Sames

  PM9607AP Datasheet HTML 1Page - Sames PM9607AP Datasheet HTML 2Page - Sames PM9607AP Datasheet HTML 3Page - Sames PM9607AP Datasheet HTML 4Page - Sames PM9607AP Datasheet HTML 5Page - Sames PM9607AP Datasheet HTML 6Page - Sames PM9607AP Datasheet HTML 7Page - Sames PM9607AP Datasheet HTML 8Page - Sames PM9607AP Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
Combining the two equations gives:
(RA+RB)/230V=RB/14V
Values for resistors R4 = 10 , R5 = 24k and R6 = 1M is
chosen.
Substituting the values result in:
RB = 23.437k
RA=RBx(230V/14V–1)
RA = 361.607k .
Standard resistor values of R1, R2, R3 and R4 are chosen to
be 120k , 120k , 120k and 10 .
The capacitor C4 is used to compensate for phase shift
between the voltage sense inputs and the current sense inputs
of the device, in cases where CTs with phase errors are used.
The phase shift caused by the CT may be corrected by
inserting a capacitor in the voltage divider circuit. To
compensate for a phase shift of 0.18 degrees the capacitor
value is calculated as follows:
C=1/(2x x Mains frequency x R5 x tan (Phase shift angle))
C=1/(2x x50x1M tan (0.18 degrees ))
C = 1.013µF
The VREF pin of the SA9607 is connected to a resistor that
determines the on chip bias current. The PM9607AP module is
set up for the SA9607M, so the bias resistor is made up of
resistor R17 and trimpot P1 in series. The multi turn trimpot P1
may be varied for precise calibration.
Calibration of the bias current is not necessary when using the
SA9607P as device calibration is loaded from the external
EEPROM.
The GND pin of the SA9607 is connected to the neutral phase,
which is halfway between VDD and VSS. Note that supply
bypass capacitors C1 and C2 are positioned as close as
possible to the supply pins of the device, and connected to a
solid ground plane.
WW
W
W
W
WWW
W
p
pW
Reference Voltage VREF
Ground GND
sames
PM9607AP
Protection
A MOV together with R4 protects the transformer and the
voltage divider circuit against voltage transients.
Common mode and asymmetrical transients are attenuated
by the current setting resistors R8, R9 R10 and R11.
The PM9607AP module uses a transformer based power
supply to ensure flexibility for different counter drive
configurations. The maximum current that can be drawn by
the circuit is as follows:
The average power consumption of the module is usually less.
The current indicated in table 2 is worst-case peak pulse
current. The normal operating current of the module is closer
to 15mA. A 78LC05-voltage regulator is used to regulate the
voltage from the transformer. Two resistors R18 and R19
generate the analog ground voltage for the SA9607. The
SA9607 operates between 5 Volt and 0 Volt with its GND pin
connected to mid-rail.
POWER SUPPLY
Table 4: Maximum peak current drawn by components on
the module
Source
SA9607M/P IC
DIR LED
SEL1 LED
ELT LED
Pulse LED
Counter
GND ref
EEPROM
Total
Max current
5
5
5
5
5
11
3
2
41
Unit
mA
mA
mA
mA
mA
mA
mA
mA
mA
http://www.sames.co.za



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com