Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9607AP Datasheet(PDF) 1 Page - Sames

Part # PM9607AP
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9607AP Datasheet(HTML) 1 Page - Sames

  PM9607AP Datasheet HTML 1Page - Sames PM9607AP Datasheet HTML 2Page - Sames PM9607AP Datasheet HTML 3Page - Sames PM9607AP Datasheet HTML 4Page - Sames PM9607AP Datasheet HTML 5Page - Sames PM9607AP Datasheet HTML 6Page - Sames PM9607AP Datasheet HTML 7Page - Sames PM9607AP Datasheet HTML 8Page - Sames PM9607AP Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
INTRODUCTION
This Application Note describes the functionality of the
SA9607M and the SA9607P metering integrated circuits using
the PM9607AP evaluation module. The SA9607 family is a low
cost solution specifically designed to meet the needs of
markets that require both live and neutral energy
measurement, in order to detect possible meter tampering.
Using the SA9607 family the meter manufacturer is able to
build a meter that measures the energy consumption, even
during a tamper condition, and records it to a mechanical
counter.
This application note will focus on the practical use of the
SA9607 family. More detailed information specific to the
SA9607M or SA9607P can be found in the applicable
datasheet.
The SA9607 family is characterized by its ability to measure
live and neutral power consumption simultaneously. A
correctly installed meter should measure equal amounts of
power consumption in the live and neutral phases. During
meter tampering the two measurements are no longer equal.
The SA9607 will use the larger of the two currents for the
energy measurement. Differences of more than 12% between
the live and neutral power measurements are indicated on the
SA9607’s ELT output which can drive a LED directly.
The SA9607 are designed to drive mechanical counters
directly. The module is fitted with an impulse type counter that
increments with a single 71ms pulse. The SA9607 can also
drive low cost mechanical counters (stepper motors) that use
two consecutive pulses with opposing voltages to advance the
counter one position. The SA9607 outputs these two opposing
pulses in close succession, minimizing the chance of the
stepper motor being in the wrong phase after a power failure.
Calibration pulses, reverse power, earth loop tamper and
active channel are displayed with four LEDs fitted on the
module.
Using the SA9607M, the rated conditions of the meter as well
as the LED pulse rate and counter resolution can be selected
for a particular meter design. The meter manufacture is thus
able to produce a range of meters utilizing the same counter
and the same metering constant with a single integrated
circuit. Calibration of the meter is done with trim-pots or
resistor ladders. Table 1 gives a short list of all the possible
THE SA9607 SERIES ENERGY METER ICS
THE SA9607M PIN PROGRAMMABLE MONOCHIP
METER
sames
Application Note:
Energy Meter Evaluation Module
PM9607AP
meter configurations possible with the SA9607M using the
PM9607AP module. Note that the values of the current
transformer’s resistor values need to change to make some of
the rated conditions possible. This will be covered in the
Analog Section.
Table 1: A summary of the pin settings possible with the
SA9607M. Pin status 0 indicates connects to VSS and 1
indicates connection to VDD
THE SA9607P MONOCHIP METER WITH ON CHIP
CALIBRATION
The SA9607P uses an external EEPROM to store calibration
data as well as meter specific settings. A major advantage of
the SA9607P is that no external trim-pots or resistor ladders
are required to calibrate the meter. This greatly enhances the
meter reliability and can improve meter production times if
used in an automatic meter calibration system.
The SA9607P integrated circuit together with an external
EEPROM provides more meter setup features than the
SA9607M. Additional information regarding the meter (serial
numbers, client, and manufacture date) can also be stored in
the unused sections of the EEPROM memory. An IIC bus
based EEPROM is used to store configuration and meter
setup data for the SA9607P. The SA9607P will load this data
from the EEPROM during power up. During normal meter
operation it reloads periodically the data from the EEPROM.
The SA9607P never writes to the EEPROM. For more specific
configuration information please refer to the SA9607P
datasheet.
1/16
Setting
20A / 230V
40A / 230V
60A / 230V
1 pulse / kWh
10 pulse / kWh
100 pulse / kWh
Pin Status
RATED = 0
RATED = Open
RATED = 1
MP1=0,MP0=0
MP1=0,MP0=1
MP1=1,MP0=0
SPEC-0045 (REV. 1)
19-06-00


Similar Part No. - PM9607AP

ManufacturerPart #DatasheetDescription
logo
Sames
PM9603AP SAMES-PM9603AP Datasheet
142Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE
PM9603APA SAMES-PM9603APA Datasheet
138Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE SPI INTERFACE
PM9603APA SAMES-PM9603APA Datasheet
142Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE
PM9603APE SAMES-PM9603APE Datasheet
138Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE SPI INTERFACE
PM9603APE SAMES-PM9603APE Datasheet
142Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE
More results

Similar Description - PM9607AP

ManufacturerPart #DatasheetDescription
logo
Sames
PM2002DP SAMES-PM2002DP Datasheet
823Kb / 10P
Energy Meter Evaluation Module
PM4100APD SAMES-PM4100APD Datasheet
644Kb / 14P
Energy Meter Evaluation Module
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
Energy Management Energy Meter
logo
Maxim Integrated Produc...
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
Energy Meter ICs
Rev 2; 11/11
logo
Sames
PM2007HPE SAMES-PM2007HPE Datasheet
134Kb / 8P
Energy Meter Evaluation Module with Pulse
PM2007MPPE SAMES-PM2007MPPE Datasheet
374Kb / 16P
Energy Meter Evaluation Module
PM2102DPD SAMES-PM2102DPD Datasheet
166Kb / 16P
Energy Meter Evaluation Module
logo
SELEC Controls Pvt. Ltd
EM306A SELEC-EM306A Datasheet
406Kb / 1P
Energy Meter
EM368 SELEC-EM368 Datasheet
554Kb / 2P
Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
Energy Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com