Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9607AP Datasheet(PDF) 4 Page - Sames

Part # PM9607AP
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9607AP Datasheet(HTML) 4 Page - Sames

  PM9607AP Datasheet HTML 1Page - Sames PM9607AP Datasheet HTML 2Page - Sames PM9607AP Datasheet HTML 3Page - Sames PM9607AP Datasheet HTML 4Page - Sames PM9607AP Datasheet HTML 5Page - Sames PM9607AP Datasheet HTML 6Page - Sames PM9607AP Datasheet HTML 7Page - Sames PM9607AP Datasheet HTML 8Page - Sames PM9607AP Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MODULE OVERVIEW
ANALOG SECTION
The analog (metering) interface described in this section is
designed for measuring 230V/60A with precision better than
Class 1.
The most important external components for the SA9607
integrated circuit are the current sense resistors, the voltage
sense resistors and the bias setting resistor. The resistors used
in the metering section should be of the same type so
temperature effects are minimized.
Two current transformers are used to measure the current in
the live and neutral phases. The output of the current
transformer is terminated with a low impedance resistor. The
voltage drop across the termination resistor is converted to a
current that is fed to the differential current inputs of the
SA9607.
Current Input IIN1, IIP1, IIN2, IIP2
The termination resistor on the second current channel is
adjustable by means of P2 to facilitate channel equalization
calibration. The termination resistor is chosen so that a 10
trimpot in parallel will provide a sufficient channel range.
The resistors R8, R9 and R10, R11 define the current level into
the current sense inputs of the SA9607. The resistor values
are selected for an input current of 16µA on the current inputs
of the SA9607 at rated conditions. For a 60A meter at 2500:1
CT the resistor values are calculated as follows:
R8=R9=(I / 16µA)xR /2
= 60A / 2500 / 16µA x 3.6 / 2
= 2.7k
I Line current
RSH = CT Termination resistor
2500 = CT ratio
The two current channels are identical so R8 = R9 = R10 =
R11.
The voltage input of the SA9607 (IVP) is driven with a current
of 14µA at nominal mains voltage. This voltage input saturates
at approximately 17µA. At a nominal voltage current of 14µA
allows for 20% overdriving. The mains voltage is divided with a
voltage divider to 14V that is fed to the voltage input pins via a
1M resistor.
The voltage divider is calculated for a voltage drop of 14V.
Equations for the voltage divider in figure 4 are:
RB=R1+R2+R3+R4
RB=R6||R5
W
W
W
W
Current Sensor Input Resistors
Voltage Input Ivp
Voltage Divider
LSH
L =
sames
PM9607AP
R7
3.6R
R8
2.7k
R9
2.7k
Live Line
Neutral Line
Live Load
Neutral Load
P1
10R
CT2
Phase 2
CT1
Phase 1
R10
2.7k
R11
2.7k
R16
6.2R
IIN1
GND
GND
DR-01576
IIP1
IIN2
IIP2
4/16
Figure 3: Current input configuration
CT Termination Resistor
The voltage drop across the CT termination resistor at rated
current should be at least 20mV. The CTs have low phase shift
and a ratio of 1:2500. The CT is terminated with a 3.6 resistor
giving a voltage drop of 86.4mV across the termination resistor
at rated conditions (Imax for the meter).
W
R1
120k
R2
120k
120k
R3
R4
10R/2W
R5
24k
R6
1M
Live
Neutral
DR-01577
GND
C4
1u/16V
GND
IVP
TZ1
TZ
GND
Figure 4: Mains voltage divider
http://www.sames.co.za



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com