Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9607AP Datasheet(PDF) 6 Page - Sames

Part # PM9607AP
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9607AP Datasheet(HTML) 6 Page - Sames

Back Button PM9607AP Datasheet HTML 2Page - Sames PM9607AP Datasheet HTML 3Page - Sames PM9607AP Datasheet HTML 4Page - Sames PM9607AP Datasheet HTML 5Page - Sames PM9607AP Datasheet HTML 6Page - Sames PM9607AP Datasheet HTML 7Page - Sames PM9607AP Datasheet HTML 8Page - Sames PM9607AP Datasheet HTML 9Page - Sames PM9607AP Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/16
sames
PM9607AP
IN CIRCUIT EEPROM CONFIGURATION
The EEPROM remains on the PCB and is reprogrammed via
the IIC bus.
Figure 6: Schematic diagram of the IIC opto-isolator module as well as relevant components on the PM9607AP module
O2
4N35
O3
4N35
SCL
DIRO
VDD
R2
470R
SDA
VSS
R3
470R
VSS
FOUT
R4
2.2k
TEST
VDD
VSS
R5
680R
R6
220R
R7
680R
R10
220R
R8
680R
R9
680R
PC VSS
SDI
FIN
SDO
T2
SCK
T1
1
2
15
16
O1A
ILQ74
4
3
14
13
O1B
ILQ74
5
6
11
12
O1C
ILQ74
8
7
10
9
O1D
ILQ74
R1
4.7k
R11
10k
Q1
BC327
VSS
VDD
U1
CNF
U1
SCL
U1
DIRO
U1
SDA
U1
LED
Pin 2
Pin 3
Pin 9
Pin 4
Pin 13
Pin 12
Pin 18..25
Pin 7..8
R21
R22
820R
U3
SCL
VDD
U3
SDA
On PM9607AP module
DR-01579
On Interface module
PC Printer Port
DIRO
CNF
DR-01578
ISOLATED PC INTERFACE MODULE
OPERATION
The isolator module connects to a standard PC printer port by
means of an extender cable on the one side and to the
PM9607AP on the other side. The PC is completely isolated
form the evaluation module and can be used to program the
EEPROM on the PM9607AP module safely.
The SA9607P is designed to be the bus master and does not
support multi master mode. Resistor R22 is used to overdrive
the clock signal of the SA9607P during programming.
Table 5: Pin description of the CAL connector
Figure 5: Wave forms describing the configuration trigger
No
1
2
3
4
5
6
7
Function
Positive supply
A positive edge on CNF with DIRO high will
trigger a configuration reload
Serial data pin
Serial clock pin
LED pin of device
DIRO need to be high before CNF is pulsed
to trigger a reload
Negative supply voltage
Name
VDD
CNF
SDA
SCK
FOUT
DIRO
VSS
http://www.sames.co.za



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com