Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9607AP Datasheet(PDF) 2 Page - Sames

Part # PM9607AP
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9607AP Datasheet(HTML) 2 Page - Sames

  PM9607AP Datasheet HTML 1Page - Sames PM9607AP Datasheet HTML 2Page - Sames PM9607AP Datasheet HTML 3Page - Sames PM9607AP Datasheet HTML 4Page - Sames PM9607AP Datasheet HTML 5Page - Sames PM9607AP Datasheet HTML 6Page - Sames PM9607AP Datasheet HTML 7Page - Sames PM9607AP Datasheet HTML 8Page - Sames PM9607AP Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
sames
PM9607AP
2/16
The PM9607AP module connects directly to live and neutral on
CON1. The module is referenced to neutral and should be kept
in mind when connecting test equipment to the module.
CON2 is used for in circuit programming of the EEPROM (U3)
when the SA9607P is used. The connector does not have any
significance when a SA9607M device is used in the module.
MAINS CONNECTION TO MODULE
Table 2: Connector Descriptions
SA9607M
Name
Con1
Con2
Function Description
SA9607P
Connector for the
220VAC power for
the module
Connector for
the opto isolator
module
Not used
1
2
Live
Neutral
1
2
Live
Neutral
Live
Neutral
Load
Figure 1: Connection diagram for normal metering application
3
SA9607M setting
Name
J1
J2
J3
J4
J9
J10
and
J11
J8
J5
J6
J7
Function Description
SA9607P setting
Connect pin 18 to DIR LED
Connect pin 17 to ELT LED
Connect pin 16 to SEL LED
Connect pin 13 to Calibration LED
Connect impulse counter to pin 12
Test pins are placed next to the digital pins of the SA9607
Connect one terminal of a Low Voltage stepper to pin 18, the
terminal of the stepper is always connected to pin 9.
Rated condition select jumper, pin 15
Motor pulse rate select jumper, pin 7
Motor pulse rate select jumper, pin 6
1/14
IIN1
IIP1
IIN2
IIP2
VREF
MP1/SCL
MP0/SDA
VDD
MON
OSC2
1
2
3
4
5
6
7
8
9
10
GND
IVP
DIRO
ELT
SEL1
RATED/CNF
VSS
LED
MOP
OSC1
29
19
18
17
16
15
14
13
12
11
J10
J11
+
+
+
++
++
+
Table 2: Jumper settings for various device options
MODULE SETUP
The PM9607AP module is setup for use with the SA9607M integrated circuit. Resistor values used on the module is calculated for
rated conditions of 60A/230V and the counter resolution pin programming is set for 100 pulses/kWh.
http://www.sames.co.za



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com