Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9607AP Datasheet(PDF) 7 Page - Sames

Part # PM9607AP
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9607AP Datasheet(HTML) 7 Page - Sames

Back Button PM9607AP Datasheet HTML 3Page - Sames PM9607AP Datasheet HTML 4Page - Sames PM9607AP Datasheet HTML 5Page - Sames PM9607AP Datasheet HTML 6Page - Sames PM9607AP Datasheet HTML 7Page - Sames PM9607AP Datasheet HTML 8Page - Sames PM9607AP Datasheet HTML 9Page - Sames PM9607AP Datasheet HTML 10Page - Sames PM9607AP Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
sames
PM9607AP
Figure 7: Screen capture of the SA9607P setup program
CALIBRATION AND SETUP
Software is available to setup and calibrate the SA9607P
device. Download the SA9607P1.zip file from the SAMES web
site. From the following URL:
The latest version of the evaluation software and source code
is included in the zip file. The software was written with Borland
C++ Ver 3 and should run on any PC with DOS operating
system. The program was written as clear as possible so that it
can easily be modified for specific needs.
Start the program from the DOS prompt with:
Use the cursor keys to move up and down between the
parameters listed under the “SA9607P Meter Parameters”
section. Press Enter on the parameter that needs to be
changed. The options available will be displayed. Type in the
correct option or value and press Enter again. The new setting
will be displayed.
A detailed description of the parameters listed on the screen
are described in the SA9607P datasheet. The following is a
description of the functionality of the SA9607P Meter
Parameters, displayed on the PC’s screen, figure 7.
http://www.sames.co.za/emsoft/9607-1.zip
c:\>sa9607p 1 1000
NAVIGATING
V and I
LED Constant
Counter Resol.
Counter PW
Channel1 Err / Channel2 Err
nom
ma x
V
and I
make up the rated conditions of the module
(SA9607P’s Kr parameter). V is the module’s rated voltage
and I the module’s rated current. The PM9607AP module is
designed for rated conditions of 230V/60A. The software
defaults to V = 230V and I = 60A.
LED Constant selects the module’s LED pulse rate (calibration
LED), which is the SA9607P’s CLED parameter. The options
available are 6400 p/kWh or 3200 p/kWh. Entering a ‘0’ will
enable the 1252 pulses/second (at rated conditions) mode for
fast calibration.
Counter resolution sets the modules counter resolution
(SA9607P’s CRES parameter). The options are 1,10 or
100p/kWh.
Counter PW set up the mechanical counter’s pulse width
(SA9607P’s CPW parameter). The available options are 71ms
and 142 ms. The PM9607AP module uses an impulse counter
with a pulse width of 71ms.
The module may be calibrated by entering the percentage
error in relation to a calibrated meter or Wh-Standard. The
percentage error is calculated as follows:
Error=(Energy from module – Real energy)/Real energy x 100
nom
ma x
ma x
ma x
nom
nom
http://www.sames.co.za



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com