Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC643 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC643
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC643 Datasheet(HTML) 5 Page - Semtech Corporation

  SC643 Datasheet HTML 1Page - Semtech Corporation SC643 Datasheet HTML 2Page - Semtech Corporation SC643 Datasheet HTML 3Page - Semtech Corporation SC643 Datasheet HTML 4Page - Semtech Corporation SC643 Datasheet HTML 5Page - Semtech Corporation SC643 Datasheet HTML 6Page - Semtech Corporation SC643 Datasheet HTML 7Page - Semtech Corporation SC643 Datasheet HTML 8Page - Semtech Corporation SC643 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SC643
5
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Digital I/O Electrical Specifications (SPIF, ENL4)
Input High Threshold (8)
V
IH
V
IN
= 5.5V
1.6
V
Input Low Threshold (8)
V
IL
V
IN
= 2.9V
0.4
V
Input High Current
I
IH
V
IN
= 5.5V
-1
+1
μA
Input Low Current
I
IL
V
IN
= 5.5V
-1
+1
μA
SemPulse Electrical Specifications (SPIF)
SemPulse Start-up Time(9)
t
SU
1ms
Bit Pulse Duration (8)
t
HI
0.75
250
μs
Duration Between Bits (8)
t
LO
0.75
250
μs
Hold Time - Address (8)
t
HOLDA
SPIF is held high
500
5000
μs
Hold Time - Data (8)
t
HOLDD
SPIF is held high
500
μs
Bus Reset Time (8)
t
BR
SPIF is held high
10
ms
Shutdown Time(10)
t
SD
SPIF is pulled low
10
ms
Fault Protection
Output Short Circuit Current Limit
I
OUT(SC)
OUT pin shorted to GND
300
mA
Over-Temperature
T
OTP
Rising threshold
165
°C
T
HYS
Hysteresis
30
°C
Charge Pump
Over-Voltage Protection
V
OVP
OUT pin open circuit, V
OUT
= V
OVP
5.7
6.0
V
Under Voltage Lockout
V
UVLO
Decreasing V
IN
2.4
V
V
UVLO-HYS
300
mV
Notes:
(1)
Capacitors are MLCC of X5R type. Production tested with higher value capacitors than the application requires.
(2)
SPIF is high for more than 10ms
(3)
Subscript for all backlights (BLn), n = 1, 2, 3, 4 and 5. Subscripting for all LDOs (LDOn), n = 1, 2, 3, 4.
(4)
Current matching is defined as ± [I
BL(MAX)
- I
BL(MIN)
] / [I
BL(MAX)
+ I
BL(MIN)
].
(5)
Test voltage is V
OUT
=4.2V — a relatively extreme LED voltage — to force a transition during test. Typically V
OUT
=3.2V for white LEDs.
(6)
Subscript m = 1, 3, and 4 and applies only to LDO1, LDO3, and LDO4.
(7)
X5R or better “temperature stable” MLCC capacitor.
(8)
The source driver used to provide the SemPulse output must meet these limits.
(9)
The SemPulse start-up time is the minimum time that the SPIF pin must be held high to enable the part before commencing
communication.
(10) The SemPulse shutdown time is the minimum time that the SPIF pin must be pulled low to shut the part down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com