Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC643 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC643
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC643 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC643 Datasheet HTML 8Page - Semtech Corporation SC643 Datasheet HTML 9Page - Semtech Corporation SC643 Datasheet HTML 10Page - Semtech Corporation SC643 Datasheet HTML 11Page - Semtech Corporation SC643 Datasheet HTML 12Page - Semtech Corporation SC643 Datasheet HTML 13Page - Semtech Corporation SC643 Datasheet HTML 14Page - Semtech Corporation SC643 Datasheet HTML 15Page - Semtech Corporation SC643 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
SC643
12
General Description
This design is optimized for handheld applications sup-
plied from a single cell Li-Ion and includes the following
key features:
A high efficiency fractional charge pump that
supplies power to all LEDs
Five matched current sinks that control LED
backlighting current, with 0mA to 25mA per
LED.
Four adjustable LDOs. LDO1 , LDO3, and LDO4
are adjustable with 15 settings from 1.5V to 3.3V.
LDO2 is adjustable with 7 settings from 1.2V to
1.8V.
An external enable pin for LDO4 allows it to be
used as a motor driver with hard-wired control.
High Current Fractional Charge Pump
The backlight outputs are supported by a high efficiency,
high current fractional charge pump output. The charge
pump multiplies the input voltage by 1, 1.5 or 2 times. The
charge pump switches at a fixed frequency of 250kHz in
1.5x and 2x modes and is disabled in 1x mode to save
power and improve efficiency.
The mode selection circuit automatically selects the mode
as 1x, 1.5x, or 2x based on circuit conditions such as LED
voltage, input voltage, and load current. The 1x mode is
the most efficient of the three modes, followed by 1.5x
and 2x modes. Circuit conditions such as low input voltage,
high output current, or high LED voltage place a higher
demand on the charge pump output. A higher numerical
mode (1.5x or 2x) may be needed momentarily to main-
tain regulation at the OUT pin during intervals of high
demand. The charge pump responds to momentary high
demands, setting the charge pump to the optimum mode
to deliver the output voltage and load current while opti-
mizing efficiency. Hysteresis is provided to prevent mode
toggling.
The charge pump requires two bucket capacitors for
proper operation. One capacitor must be connected
between the C1+ and C1- pins and the other must be con-
nected between the C2+ and C2- pins as shown in the
typical application circuit diagram. These capacitors
should be equal in value, with a nominal capacitance of
2.2μF to support the charge pump current requirements.
The device also requires a 4.7μF capacitor on the IN pin
and a 4.7μF capacitor on the OUT pin to minimize noise
and support the output drive requirements. Capacitors
with X7R or X5R ceramic dielectric are strongly recom-
mended for their low ESR and superior temperature and
voltage characteristics. Y5V capacitors should not be
used as their temperature coefficients make them unsuit-
able for this application.
LED Backlight Current Sinks
The backlight current is set via the SemPulse interface.
The current is regulated to one of 29 values between
0mA and 25mA. The step size varies depending upon the
current setting. Between 0mA and 5mA, the step size is
0.5mA. The step size increases to 1mA for settings
between 5mA and 21mA. Steps are 2mA between 21mA
and 25mA. The variation in step size allows finer adjust-
ment for dimming functions in the low current setting
range and coarse adjustment at higher current settings
where small current changes are not visibly noticeable in
LED brightness. A zero setting is also included to allow
the current sink to be disabled by writing to either the
enable bit or the current setting register for maximum
flexibility.
All backlight current sinks have matched currents, even
when there is variation in the forward voltages (ΔV
F
) of
the LEDs. A minimum ΔV
F
of 1.2V is supported when the
input voltage (V
IN
) is at 3.0V. Higher ΔV
F
LED mis-match is
supported when V
IN
is higher than 3.0V. All current sink
outputs are compared and the lowest output is used for
setting the voltage regulation at the OUT pin. This is
done to ensure that sufficient bias exists for all LEDs.
The backlight LEDs default to the off state upon power-
up. For backlight applications using fewer than five LEDs,
any unused output must be left open and the unused
LED must remain disabled. When writing to the backlight
enable register, a zero (0) must be written to the corre-
sponding bit of any unused output.
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com