Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC643 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC643
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC643 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC643 Datasheet HTML 17Page - Semtech Corporation SC643 Datasheet HTML 18Page - Semtech Corporation SC643 Datasheet HTML 19Page - Semtech Corporation SC643 Datasheet HTML 20Page - Semtech Corporation SC643 Datasheet HTML 21Page - Semtech Corporation SC643 Datasheet HTML 22Page - Semtech Corporation SC643 Datasheet HTML 23Page - Semtech Corporation SC643 Datasheet HTML 24Page - Semtech Corporation SC643 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
SC643
21
Register Map (continued)
SBL4 through SBL0 [D4:D0]
These bits are used to set the current for the sub backlight
current sinks. All enabled current sinks will sink the same
current as shown in Table 5.
Table 5 — Sub Backlight Current Settings
SBL4
SBL3
SBL2
SBL1
SBL0
Backlight
Current (mA)
00
0
0
0
0
0
0
0
0
1
See note (1)
0
0
0
1
0
See note (1)
0
0
0
1
1
See note (1)
0
0
1
0
0
0.5
00
1
0
1
1
0
0
1
1
0
1.5
00
1
1
1
2
0
1
0
0
0
2.5
01
0
0
1
3
0
1
0
1
0
3.5
01
0
1
1
4
0
1
1
0
0
4.5
01
1
0
1
5
01
1
1
0
6
01
1
1
1
7
10
0
0
0
8
10
0
0
1
9
10
0
1
0
10
10
0
1
1
11
10
1
0
0
12
10
1
0
1
13
10
1
1
0
14
10
1
1
1
15
11
0
0
0
16
11
0
0
1
17
11
0
1
0
18
11
0
1
1
19
11
1
0
0
20
11
1
0
1
21
11
1
1
0
23
11
1
1
1
25
(1)
Reserved for future use.
LDO1 Control Register (05h)
This register is used to enable LDO1 and set its output
voltage level.
Bits [D5:D4]
These bits are unused and are always zeroes.
LDO1V3 through LDO1V0 [D3:D0]
These bits set the output voltage of LDO1 as shown in
Table 6.
Table 6 — LDO1 Control Codes
LDO1V3
LDO1V2
LDO1V1
LDO1V0
V
LDO1
0000
OFF
0001
3.3V
0010
3.2V
0011
3.1V
0100
3.0V
0101
2.9V
0110
2.8V
0111
2.7V
1000
2.6V
1001
2.5V
1010
2.4V
1011
2.2V
1100
1.8V
1101
1.7V
1110
1.6V
1111
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com