Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC643 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC643
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC643 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC643 Datasheet HTML 5Page - Semtech Corporation SC643 Datasheet HTML 6Page - Semtech Corporation SC643 Datasheet HTML 7Page - Semtech Corporation SC643 Datasheet HTML 8Page - Semtech Corporation SC643 Datasheet HTML 9Page - Semtech Corporation SC643 Datasheet HTML 10Page - Semtech Corporation SC643 Datasheet HTML 11Page - Semtech Corporation SC643 Datasheet HTML 12Page - Semtech Corporation SC643 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SC643
9
Output Open Circuit Protection
Time (200μs/div)
V
BL (500mV/div)
V
OUT (1V/div)
I
BL (20mA/div)
V
IN
=3.7V, 25°C
Ripple — 1X Mode
V
IN
(50mV/div)
V
OUT
(100mV/div)
I
BL
(20mA/div)
V
IN
=3.8V, 5 Backlights — 25 mA each, 25°C
Time (20μs/div)
Ripple — 2X Mode
V
IN
(50mV/div)
V
OUT
(100mV/div)
I
BL
(20mA/div)
V
IN
=2.9V, 5 Backlights — 25 mA each, 25°C
Time (20μs/div)
Ripple — 1.5X Mode
V
IN
(50mV/div)
V
OUT
(100mV/div)
I
BL
(20mA/div)
V
IN
=3.6V, 5 Backlights — 25 mA each, 25°C
Time (20μs/div)
5.42V
Typical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com