Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC643 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC643
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC643 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC643 Datasheet HTML 18Page - Semtech Corporation SC643 Datasheet HTML 19Page - Semtech Corporation SC643 Datasheet HTML 20Page - Semtech Corporation SC643 Datasheet HTML 21Page - Semtech Corporation SC643 Datasheet HTML 22Page - Semtech Corporation SC643 Datasheet HTML 23Page - Semtech Corporation SC643 Datasheet HTML 24Page - Semtech Corporation SC643 Datasheet HTML 25Page - Semtech Corporation SC643 Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
SC643
22
Register Map (continued)
LDO2 Control Register (06h)
This register is used to enable LDO2 and set its output
voltage level.
Bits [D5:D3]
These bits are unused and are always zeroes.
LDO2V2 through LDO2V0 [D2:D0]
These bits are used to set the output voltage of LDO2 in
accordance with Table 7.
Table 7 — LDO2 Control Codes
LDO2V2
LDO2V1
LDO2V0
V
LDO2
0
0
0
OFF
0
0
1
1.8V
0
1
0
1.7V
0
1
1
1.6V
1
0
0
1.5V
1
0
1
1.4V
1
1
0
1.3V
1
1
1
1.2V
LDO3 Control Register (07h)
This register is used to enable LDO3 and set its output
voltage level.
Bits [D5:D4]
These bits are unused and are always zeroes.
LDO3V3 through LDO3V0 [D3:D0]
These bits are used to set the output voltage of LDO3 as
shown in Table 8.
Table 8 — LDO3 Control Codes
LDO3V3
LDO3V2
LDO3V1
LDO3V0
V
LDO3
0000
OFF
0001
3.3V
0010
3.2V
0011
3.1V
0100
3.0V
0101
2.9V
0110
2.8V
0111
2.7V
1000
2.6V
1001
2.5V
1010
2.4V
1011
2.2v
1100
1.8V
1101
1.7V
1110
1.6V
1111
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com