Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC643 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC643
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC643 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC643 Datasheet HTML 18Page - Semtech Corporation SC643 Datasheet HTML 19Page - Semtech Corporation SC643 Datasheet HTML 20Page - Semtech Corporation SC643 Datasheet HTML 21Page - Semtech Corporation SC643 Datasheet HTML 22Page - Semtech Corporation SC643 Datasheet HTML 23Page - Semtech Corporation SC643 Datasheet HTML 24Page - Semtech Corporation SC643 Datasheet HTML 25Page - Semtech Corporation SC643 Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
SC643
23
Register Map (continued)
LDO4 Control Register (08h)
This register is used to enable LDO4 and set its output
voltage level. The ENL4 pin must be high for register 08h
to control LDO4. ENL4 has a logical AND function with the
register contents. Therefore, if ENL4 is low, V
LDO4
=0V
regardless of the contents of register 08h.
Bits [D5:D4]
These bits are unused and are always zeroes.
LDO4V3 through LDO4V0 [D3:D0]
These bits are used to set the output voltage of LDO4 as
shown in Table 9.
Table 9 — LDO4 Control Codes
LDO4V3
LDO4V2
LDO4V1
LDO4V0
V
LDO4
0000
OFF
0001
3.3V
0010
3.2V
0011
3.1V
0100
3.0V
0101
2.9V
0110
2.8V
0111
2.7V
1000
2.6V
1001
2.5V
1010
2.4V
1011
2.2V
1100
1.8V
1101
1.7V
1110
1.6V
1111
1.5V
Fade Control Register (09h)
This register contains the fade enables and rate controls
for both the main display and sub display LED driver
banks.
MFADE1 and MFADE0 [D2:D1]
These bits are used to set the rise/fall rate between two
backlight currents for the main display as show in Table
10. For the fade feature to be active, the MFADE bit must
be set. The number of steps required to change the back-
light current will be equal to the change in binary count
of bits MBL4 through MBL0.
Table 10 — Main Display Fade Control Bits
MFADE1
MFADE0
Fade Feature Rise/
Fall Rate (ms/step)
00
32
01
24
10
16
11
8
MFADE [D0]
This bit is used to enable or disable the fade feature.
When MFADE is enabled and a new main backlight
current is set, this current will change from its existing
value to the new value written in MBL[4:0] at the rate
determined by MFADE1 and MFADE0 (in ms/step). A new
setting cannot be written during an ongoing fade opera-
tion, but an on-going fade operation may be cancelled by
writing 0 to the MFADE bit. Clearing the MFADE bit during
an ongoing fade operation changes the current immedi-
ately to the value of MBL[4:0]. The number of counts to
complete a fade operation equals the difference between
the old and new MBL[4:0] settings. If MFADE is cleared,
the current level will change immediately without the
fade delay. The rate of fade may be changed dynamically
by writing new values to the MFADE1 and MFADE0 bits.
The total fade time is given by the number of steps
between old and new backlight values (see Table 4), mul-
tiplied by the rate of fade in ms/step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com