Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC643 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC643
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC643 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC643 Datasheet HTML 9Page - Semtech Corporation SC643 Datasheet HTML 10Page - Semtech Corporation SC643 Datasheet HTML 11Page - Semtech Corporation SC643 Datasheet HTML 12Page - Semtech Corporation SC643 Datasheet HTML 13Page - Semtech Corporation SC643 Datasheet HTML 14Page - Semtech Corporation SC643 Datasheet HTML 15Page - Semtech Corporation SC643 Datasheet HTML 16Page - Semtech Corporation SC643 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
SC643
13
Applications Information (continued)
Backlight Quiescent Current
The quiescent current required to operate all five back-
lights is reduced when backlight current is set to 4.0mA
or less. This feature results in higher efficiency under light-
load conditions. Further reduction in quiescent current
will result from using fewer than five LEDs.
Main and Sub Backlight Bank Configuration
The five LED backlight drivers can be configured as a
single bank or as two independent banks — one dedi-
cated for a main display and the other for a sub display.
This feature allows the device to drive two sets of LEDs
with different settings so different current and fade set-
tings can be used.
The Register Map contains two separate control registers
for main and sub currents. Register 01h contains the
current setting code for the main bank, and register 02h
contains the setting code for the sub bank. There are also
three bits in register 0Ah that control which drivers are
assigned to each display. The default setting assigns all
five LED drivers to the main display control register. In
this scenario, the current control settings for each LED
driver come from register 01h. Other settings are avail-
able that allow the groupings to be defined so that any
number from 1 to 5 drivers can be grouped as the main
display backlight drivers, with the remaining drivers
assigned to the sub display backlight by default. See
Table 8 of the Register Map section for more details.
Backlight Fade-in and Fade-out Function
Register 09h contains bits that control the fade state of
each display (main and sub). When enabled, the fade
function causes the backlight settings to step from their
current state to the next programmed state as soon as
the new state is stored in its register. For example, if the
backlight is set at 25mA and the next setting is the off
state, the backlight will step from 25mA down to 0mA
using all 29 settings at the fade rate specified by the bits
in register 09h. The same is true when turning on or
increasing the backlight current — the backlight current
will step from the present level to the new level at the
step rate defined in register 09h. This process applies for
both the main and the sub displays. The state diagram in
Figure 1 describes all possible conditions for a fade opera-
tion. More details can be found in the Register Map
section.
Write FADE=0
Write new
bright level
FADE=0
No change
Write
FADE=0
FADE=1
Fade
processing(1)
Write new
bright
level
Write new
bright level
Fade is redirected
toward the new
value from current
state
Fade
begins
Fade
ends
Write
FADE=1
FADE=1
FADE=0
Immediate
change to
new bright
level
Fade=0
Write
Fade=1
No
change
Write
FADE=1
No
change
Immediate
change to new
bright level
Write
new fade
rate
Continue
fade using
new rate
Note:
(1) When the data in backlight
enable register 00h is not 00h
Figure 1 — State Diagram for Fade Function
Fade-In from Off State
When the initial state of the main or sub backlight current
register is 00h (the data value for 0mA), fading to an on
state is accomplished by following the steps listed in
Table 1. Following these steps explicitly will ensure that
the fade-in operation will proceed with no interruption at
the rate specified in the Main/Sub Backlight Fade register
(09h). This procedure must be followed regardless of
which backlight grouping configuration is being used.
Note that it is only necessary to set the BLEN bits for the
main or sub display that is required to fade.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com