Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC643 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC643
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC643 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC643 Datasheet HTML 10Page - Semtech Corporation SC643 Datasheet HTML 11Page - Semtech Corporation SC643 Datasheet HTML 12Page - Semtech Corporation SC643 Datasheet HTML 13Page - Semtech Corporation SC643 Datasheet HTML 14Page - Semtech Corporation SC643 Datasheet HTML 15Page - Semtech Corporation SC643 Datasheet HTML 16Page - Semtech Corporation SC643 Datasheet HTML 17Page - Semtech Corporation SC643 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
SC643
14
Table 1 — Fade-In from Off State
Command
Sequence
Action
Data
Disable fade for
the bank
1.
Write to register 09h
00h
Set the bank to
0.5mA
2.
Write to register 01h
and/or 02h(1)
04h
Enable fade
3.
Write to register 09h
Binary value
xx1xx0, xx1xx1,
or xx0xx1
Set BLEN bits
4.
Write to register 00h
Any value from 01h
through 1Fh
Set new value of
backlight current
for the bank
5.
Write to register 01h
and/or 02h
Any value from 05h
through 1Fh
Notes:
(1)
Write only to the banks which will fade
Fade-Out from any On State to Off State
Fading the backlight LEDs from any active state to the off
state follows a simple procedure. The sequence of com-
mands for this action is shown in Table 2. Following these
steps explicitly will ensure that the fade-out operation will
proceed with no interruption at the rate specified in the
Main/Sub Backlight Fade register (09h). This procedure
must be followed regardless of the backlight grouping
configuration.
Table 2 — Fade-Out from any On State to Off State
Command
Sequence
Action
Data
Enable fade
1.
Write to register 09h
Any value from 01h
through 3Fh
(but not 00h)
Set Main and/or
Sub backlights to
0mA
2.
Write to register 01h
and/or 02h
00h
Fading Between Different On States
Fading from one backlight level to another (up or down)
also follows a simple procedure. The sequence of com-
mands for this action is shown in Table 3. Following these
Applications Information (continued)
steps explicitly will ensure that the fade-in/fade-out oper-
ation will proceed with no interruption at the rate specified
in the Main/Sub Backlight Fade register (09h). This proce-
dure must be followed regardless of the backlight
grouping configuration.
Table 3 — Fading between Different On States
Command
Sequence
Action
Data
Enable fade
1.
Write to register 09h
Any value from 01h
through 3Fh
(but not 00h)
Set new value of
backlight current
2.
Write to register 01h
and/or 02h
Any value from 05h
through 1Fh
Additional Information
For more details about the Fade-in/Fade-out function,
refer to the SC643 Backlight Driver Software User’s Guide
and SemPulse Interface Specification document and to the
associated software drivers available for this device
(contact your sales office for more details).
Programmable LDO Outputs
Four low dropout (LDO) regulators are included to supply
power to peripheral circuits. Each LDO output voltage
setting has ±3.5% accuracy over the operating tempera-
ture range. Output current greater than specification is
possible at somewhat reduced accuracy (refer to the
typical characteristic section of this datasheet for load
regulation examples). LDO1, LDO3, and LDO4 have iden-
tical specifications, with a programmable output ranging
from 1.5V to 3.3V. LDO2 is specified to operate with pro-
grammable output ranging from 1.2V to 1.8V. LDO2 also
has lower noise specifications so that it can be used with
noise sensitive circuits.
LDO4 is controlled by both the enable pin ENL4 and the
LDO4 control register. ENL4 may be permanently con-
nected to V
IN
for software-only control. Alternately, power
sequencing logic may be used to enable LDO4 via the
ENL4 pin after writing to the LDO4 control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com