Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC644 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC644
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC644 Datasheet(HTML) 4 Page - Semtech Corporation

  SC644 Datasheet HTML 1Page - Semtech Corporation SC644 Datasheet HTML 2Page - Semtech Corporation SC644 Datasheet HTML 3Page - Semtech Corporation SC644 Datasheet HTML 4Page - Semtech Corporation SC644 Datasheet HTML 5Page - Semtech Corporation SC644 Datasheet HTML 6Page - Semtech Corporation SC644 Datasheet HTML 7Page - Semtech Corporation SC644 Datasheet HTML 8Page - Semtech Corporation SC644 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SC644
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Charge Pump Electrical Specifications (Cont.)
.5x Mode to 2x Mode
Falling Transition Voltage
V
TRANS.5x
I
OUT = 50mA, IBLn = 0mA, VOUT = 4.2V
(5)
2.9
V
2x Mode to .5x Mode Hysteresis
V
HYST.5x
I
OUT = 50mA, IBLn = 0mA, VOUT = 4.2V
(5)
520
mV
Current Sink Off-State
Leakage Current
I
BL/FL(OFF)
V
IN = VBLn = 4.2V
0.

µA
Pump Frequency
f
PUMP
V
IN = 3.2V
250
kHz
LDO Electrical Specifications
LDO, LDO3, and LDO4
Voltage Setting Range
V
LDOm
(6)
Range of nominal settings
.5
3.3
V
LDO2 Voltage Setting Range
V
LDO2
Range of nominal settings
.2
.8
V
Output Voltage Accuracy
∆V
LDO
I
LDO = mA, TA = 25°C, 2.9V ≤ VIN ≤ 4.2V
-3
±.0
+3
%
I
LDO = mA to 00mA, 2.9V ≤ VIN ≤ 4.2V
-3.5
+3.5
%
Dropout Voltage(6)(7)
V
Dm
I
LDOm = 50mA, VIN = VLDOm + VDm
50
200
mV
Current Limit
I
LIM
200
mA
Line Regulation
DV
LINE
I
LDOm = mA,
V
IN = 2.9V to 4.2V, VLDOm = 2.8V
2.
7.2
mV
I
LDO2 = mA,
V
IN = 2.9V to 4.2V, VLDO2 = .8V
.3
4.8
Load Regulation
DV
LOAD
V
LDOm = 3.3V,
I
LDOm = mA to 00mA
25
mV
V
LDO2 = .8V,
I
LDO2 = mA to 00mA
20
Power Supply Rejection Ratio
PSRR
m
.5V < V
LDOm < 3.0V, f < kHz, CBYP = 22nF,
I
LDOm = 50mA, with 0.5VP-P supply ripple
50
dB
PSRR
2
.2V < V
LDO2 < .8V, f < kHz, CBYP = 22nF,
I
LDO2 = 50mA, with 0.5VP-P supply ripple
60
Output Voltage Noise
e
n-LDOm
0Hz < f < 00kHz, C
BYP = 22nF,
C
LDOm = µF, ILDOm = 50 mA,
.5V < V
LDOm < 3.0V
75
µV
RMS
e
n-LDO2
0Hz < f < 00kHz, C
BYP = 22nF,
C
LDO2 = µF, ILDO2 = 50 mA,
.2V < V
LDO2 < .8V
50
Minimum LDO Capacitor (8)
C
LDO(MIN)
Nominal value for C
LDOn

µF
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com