Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC644 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC644
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC644 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC644 Datasheet HTML 9Page - Semtech Corporation SC644 Datasheet HTML 10Page - Semtech Corporation SC644 Datasheet HTML 11Page - Semtech Corporation SC644 Datasheet HTML 12Page - Semtech Corporation SC644 Datasheet HTML 13Page - Semtech Corporation SC644 Datasheet HTML 14Page - Semtech Corporation SC644 Datasheet HTML 15Page - Semtech Corporation SC644 Datasheet HTML 16Page - Semtech Corporation SC644 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
SC644
3
Applications Information (continued)
Main and Sub Backlight Bank Configuration
The six LED backlight drivers can be configured as a single
bank or as two independent banks — one dedicated for
a main display and the other for a sub display. This feature
allows the device to drive two sets of LEDs with different
settings so different current and fade settings can be
used.
The Register Map contains two separate control registers
for main and sub currents. Register 0h contains the
current setting code for the main bank, and register 02h
contains the setting code for the sub bank. There are also
three bits in register 0Ah that control which drivers are
assigned to each display. The default setting assigns all
six LED drivers to the main display control register. In this
scenario, the current control settings for each LED driver
come from register 0h. Other settings are available that
allow the groupings to be defined so that any number
from  to 6 drivers can be grouped as the main display
backlight drivers, with the remaining drivers assigned to
the sub display backlight by default. See Table 8 of the
Register Map section for more details.
Backlight Fade-in and Fade-out Function
Register 09h contains bits that control the fade state of
each display (main and sub). When enabled, the fade
function causes the backlight settings to step from their
current state to the next programmed state as soon as
the new state is stored in its register. For example, if the
backlight is set at 25mA and the next setting is the off
state, the backlight will step from 25mA down to 0mA
using all 29 settings at the fade rate specified by the bits
in register 09h. The same is true when turning on or
increasing the backlight current — the backlight current
will step from the present level to the new level at the
step rate defined in register 09h. This process applies for
both the main and the sub displays. The state diagram in
Figure  describes all possible conditions for a fade opera-
tion. More details can be found in the Register Map
section.
Write FADE=0
Write new
bright le�el
FADE=0
No change
Write
FADE=0
FADE=1
Fa�e
proce��ing(1�
Write new
bright
le�el
Write new
bright le�el
Fa�e i� re�irecte�
towar� the new
�alue from current
�tate
Fa�e
begin�
Fa�e
en��
Write
FADE=1
FADE=1
FADE=0
Imme�iate
change to
new bright
le�el
Fa�e=0
Write
Fa�e=1
No
change
Write
FADE=1
No
change
Imme�iate
change to new
bright le�el
Write
new fa�e
rate
Continue
fa�e u�ing
new rate
Note:
(1� When the �ata in backlight
enable regi�ter 00h i� not 00h
Figure 1 — State Diagram for Fade Function
Fade-In from Off State
When the initial state of the main or sub backlight current
register is 00h (the data value for 0mA), fading to an on
state is accomplished by following the steps listed in
Table . Following these steps explicitly will ensure that
the fade-in operation will proceed with no interruption at
the rate specified in the Main/Sub Backlight Fade register
(09h). This procedure must be followed regardless of
which backlight grouping configuration is being used.
Note that it is only necessary to set the BLEN bits for the
main or sub display that is required to fade.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com