Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC644 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC644
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC644 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC644 Datasheet HTML 18Page - Semtech Corporation SC644 Datasheet HTML 19Page - Semtech Corporation SC644 Datasheet HTML 20Page - Semtech Corporation SC644 Datasheet HTML 21Page - Semtech Corporation SC644 Datasheet HTML 22Page - Semtech Corporation SC644 Datasheet HTML 23Page - Semtech Corporation SC644 Datasheet HTML 24Page - Semtech Corporation SC644 Datasheet HTML 25Page - Semtech Corporation SC644 Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
SC644
22
Register Map (continued)
LDO2 Control Register (06h)
This register is used to enable LDO2 and set its output
voltage level.
Bits [D5:D3]
These bits are unused and are always zeroes.
LDO2V2 through LDO2V0 [D2:D0]
These bits are used to set the output voltage of LDO2 in
accordance with Table 7.
Table 7 — LDO2 Control Codes
LDO2V2
LDO2V1
LDO2V0
V
LDO2
0
0
0
OFF
0
0

.8V
0

0
.7V
0


.6V

0
0
.5V

0

.4V


0
.3V



.2V
LDO3 Control Register (07h)
This register is used to enable LDO3 and set its output
voltage level.
Bits [D5:D4]
These bits are unused and are always zeroes.
LDO3V3 through LDO3V0 [D3:D0]
These bits are used to set the output voltage of LDO3 as
shown in Table 8.
Table 8 — LDO3 Control Codes
LDO3V3
LDO3V2
LDO3V1
LDO3V0
V
LDO3
0
0
0
0
OFF
0
0
0

3.3V
0
0

0
3.2V
0
0


3.V
0

0
0
3.0V
0

0

2.9V
0


0
2.8V
0



2.7V

0
0
0
2.6V

0
0

2.5V

0

0
2.4V

0


2.2v


0
0
.8V


0

.7V



0
.6V




.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com