Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC644 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC644
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC644 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC644 Datasheet HTML 16Page - Semtech Corporation SC644 Datasheet HTML 17Page - Semtech Corporation SC644 Datasheet HTML 18Page - Semtech Corporation SC644 Datasheet HTML 19Page - Semtech Corporation SC644 Datasheet HTML 20Page - Semtech Corporation SC644 Datasheet HTML 21Page - Semtech Corporation SC644 Datasheet HTML 22Page - Semtech Corporation SC644 Datasheet HTML 23Page - Semtech Corporation SC644 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
SC644
20
Register Map (continued)
MBL4 through MBL0 [D4:D0]
These bits are used to set the current for the main back-
light current sinks. All enabled current sinks will sink the
same current as shown in Table 4.
Table 4 — Main Backlight Current Settings
MBL4 MBL3 MBL2 MBL1 MBL0
Backlight
Current (mA)
0
0
0
0
0
0
0
0
0
0

See note 
0
0
0

0
See note 
0
0
0


See note 
0
0

0
0
0.5
0
0

0


0
0


0
.5
0
0



2
0

0
0
0
2.5
0

0
0

3
0

0

0
3.5
0

0


4
0


0
0
4.5
0


0

5
0



0
6
0




7

0
0
0
0
8

0
0
0

9

0
0

0
0

0
0




0

0
0
2

0

0

3

0


0
4

0



5


0
0
0
6


0
0

7


0

0
8


0


9



0
0
20



0

2




0
23





25
() Reserved for future use.
Sub Backlight Current Control Register (02h)
This register is used to set the currents for the LED drivers
designated as sub backlight current sinks. Note these
current sinks can be disabled using register 00h or by
writing the 0mA value into this register.
Bit D5
This bit is unused and is always a zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com