Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC644 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC644
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC644 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC644 Datasheet HTML 4Page - Semtech Corporation SC644 Datasheet HTML 5Page - Semtech Corporation SC644 Datasheet HTML 6Page - Semtech Corporation SC644 Datasheet HTML 7Page - Semtech Corporation SC644 Datasheet HTML 8Page - Semtech Corporation SC644 Datasheet HTML 9Page - Semtech Corporation SC644 Datasheet HTML 10Page - Semtech Corporation SC644 Datasheet HTML 11Page - Semtech Corporation SC644 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SC644
8
Load Regulation (LDO2)
Load Regulation (LDOm)
Output Short Circuit Current Limit
LDO Load Transient Response (3.3V)
Time (1m���i��
���i��
��i��
V
OUT (V/div)
I
OUT (200mA/div)
V
OUT=0V, VIN=4.2V, 25°C
Time (20µ���i��
���i��
��i��
V
LDO (50mV/div)
I
LDO (100mA/div)
V
IN=3.7V, VLDO=3.3V, ILDO= to 00mA, 25°C
LDO Load Transient Response (1.2V)
Time (20µ���i��
���i��
��i��
V
LDO (50mV/div)
I
LDO (100mA/div)
V
IN=3.7V, VLDO=.2V, ILDO= to 00mA, 25°C
LDO Load Transient Response (1.8V)
Time (20µ���i��
���i��
��i��
V
LDO (50mV/div)
I
LDO (100mA/div)
V
IN=3.7V, VLDO=.8V, ILDO= to 00mA, 25°C
Typical Characteristics (continued)
1.5V
1.2V
-25
-20
-15
-10
-5
0
0
40
80
120
160
200
ILDO (mA�
VIN=3.6V, 25°C
1.8V
-30
-25
-20
-15
-10
-5
0
0
40
80
120
160
200
ILDO (mA�
VIN=3.6V, 25°C, m = 1, 3, or 4
2.5V
1.8V
3.3V
1.5V
2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com